Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENG Datasheet(PDF) 97 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 97 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 93Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 94Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 95Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 96Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 97Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 98Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 99Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 100Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 101Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 175 page
background image
High-Speed Microcontroller User’s Guide
97 of 175
SPEED REDUCTION
The High-Speed Microcontroller is a fully CMOS 8051 compatible microcontroller.
It can use
significantly less power than other 8051 versions because it is more efficient. As an average, software
will run 2.5 times faster on the High-Speed Microcontroller than on other 8051 derivatives. Thus the
same job can be accomplished by slowing down the crystal by a factor of 2.5. For example, an existing
8051 design that runs at 12 MHz can run at approximately 4.8 MHz on the High-Speed Microcontroller.
At this reduced speed, the High-Speed Microcontroller will have lower power consumption than an 8051,
yet perform the same job.
Using the 2.5X factor, Table 7-2 shows the approximate speed at which the High-Speed Microcontroller
can accomplish the same work as an 8051. The exact improvement will vary depending on the actual
instruction mix. Available crystal speeds must also be considered.
Refer to Section 16 for information
on instruction timing.
CRYSTAL VS MIPS COMPARISON Table 7-2
ORIGINAL 8051
CRYSTAL SPEED
MIPS
HIGH–SPEED MICROCONTROLLER
CRYSTAL SPEED
3.57 MHz
0.3
1.4 MHz
7.37 MHz
0.6
2.9 MHz
11.0592 MHz
0.9
4.4 MHz
14.318 MHz
1.2
5.7 MHz
16 MHz
1.3
6.4 MHz
20 MHz
1.6
8 MHz
24 MHz
2.0
9.6 MHz
33 MHz
2.7
13.2 MHz
40 MHz
3.3
16 MHz
POWER MANAGEMENT MODES
Power consumption in CMOS microcontrollers is a function of operating frequency.
The Power
Management Mode (PMM) feature, available with some members of the High-Speed Microcontroller
family, allows software to dynamically match operating frequency and current consumption with the need
for processing power. Instead of the default 4 clocks per machine cycle, power management mode 1
(PMM1) and power management mode 2 (PMM2) utilize 64 and 1024 clocks per cycle respectively to
conserve power.
A number of special features have been added to enhance the function of the power management modes.
The switchback feature allows the device to almost instantaneously return to divide by 4 mode upon
acknowledgment of an external interrupt or a falling edge on a serial port receiver pin. The advantages of
this become apparent when one calculates the increased interrupt service time of a device operating in
PMM. In addition, a device operating in PMM would normally be unable to sample an incoming serial
transmission to properly receive it. The switchback feature, explained below, allows a device to return to
divide by 4 operation in time to receive incoming serial port data and process interrupts with no loss in
performance.
The DS87C520 and DS87C530 incorporate a Status register (STATUS;C5h) to prevent the device from
accidentally reducing the clock rate during the servicing of an external interrupt or serial port activity.
This register can be interrogated to determine if a high priority, low priority, or power fail interrupt is in
progress, or if serial port activity is occurring. Based on this information the software can delay or reject
a planned change in the clock divider rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com