Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLL540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TLL540
Description  Low Current LED in 5 mm Tinted Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLL540 Datasheet(HTML) 1 Page - STMicroelectronics

  TLL540 Datasheet HTML 1Page - STMicroelectronics TLL540 Datasheet HTML 2Page - STMicroelectronics TLL540 Datasheet HTML 3Page - STMicroelectronics TLL540 Datasheet HTML 4Page - STMicroelectronics TLL540 Datasheet HTML 5Page - STMicroelectronics TLL540 Datasheet HTML 6Page - STMicroelectronics TLL540 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLL.540.
Vishay Telefunken
1 (7)
Rev. A2, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83030
Low Current LED in ø 5 mm Tinted Diffused Package
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLLR540.
GaAsP on GaP
25
°
Yellow
TLLY540.
GaAsP on GaP
25
°
Green
TLLG540.
GaP on GaP
25
°
Features
D Low power consumption
D High brightness
D CMOS/MOS compatible
D Specified at IF = 2 mA
D Luminous intensity categorized
D Yellow and green color categorized
96 11505
Applications
Low power DC circuits
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLLR540. ,TLLY540. ,TLLG540. ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
Tamb ≤ 90°C
IF
7
mA
Surge forward current
tp ≤ 10 ms
IFSM
0.15
A
Power dissipation
Tamb ≤ 90°C
PV
20
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
500
K/W


Similar Part No. - TLL540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLL-5902 ETC2-TLL-5902 Datasheet
241Kb / 2P
TADIRAN LITHIUM BATTERIES
logo
Multicomp Pro
TLL-62BG MULTICOMP-TLL-62BG Datasheet
197Kb / 2P
Tactile Switch
18/11/20 V1.0
TLL-62BR MULTICOMP-TLL-62BR Datasheet
197Kb / 2P
Tactile Switch
18/11/20 V1.0
TLL-62BY MULTICOMP-TLL-62BY Datasheet
197Kb / 2P
Tactile Switch
18/11/20 V1.0
logo
BetLux Electronics
TLL-E12B63-061 BETLUX-TLL-E12B63-061 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
More results

Similar Description - TLL540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR440 VISHAY-TLLR440 Datasheet
94Kb / 7P
Low Current LED in 짰3 mm Tinted Diffused Package
04-Feb-99
TLLR540 VISHAY-TLLR540 Datasheet
94Kb / 7P
Low Current LED in 짰5 mm Tinted Diffused Package
04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
Universal LED in 5 mm Tinted Diffused Package
04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
Universal LED in ∅ 5 mm Tinted Diffused Package
31-Aug-04
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
Low Current LED in Ø 5 mm Tinted Diffused Package
29-Apr-13
TLLG540 VISHAY-TLLG540_V01 Datasheet
117Kb / 7P
Low Current LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
Low Current LED in Ø 5 mm Tinted Diffused Package
10-May-2022
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com