Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLL540 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TLL540
Description  Low Current LED in 5 mm Tinted Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLL540 Datasheet(HTML) 5 Page - STMicroelectronics

  TLL540 Datasheet HTML 1Page - STMicroelectronics TLL540 Datasheet HTML 2Page - STMicroelectronics TLL540 Datasheet HTML 3Page - STMicroelectronics TLL540 Datasheet HTML 4Page - STMicroelectronics TLL540 Datasheet HTML 5Page - STMicroelectronics TLL540 Datasheet HTML 6Page - STMicroelectronics TLL540 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLL.540.
Vishay Telefunken
5 (7)
Rev. A2, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83030
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
l – Wavelength ( nm )
1.0
Yellow
Figure 13 Relative Luminous Intensity vs. Wavelength
0
1
234
0.1
1
10
100
VF – Forward Voltage ( V )
5
95 10056
Green
tp/T=0.001
tp=10ms
Figure 14 Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10057
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Green
IF=2mA
Figure 15 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11591
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Green
Figure 16 Rel. Lumin. Intensity vs.
Forw.Current / Duty Cycle
0.1
1
10
0.01
0.1
1
10
100
100
95 10059
IF – Forward Current ( mA )
Green
Figure 17 Relative Luminous Intensity vs. Forward Current
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
l – Wavelength ( nm )
1.0
Green
Figure 18 Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com