Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE800P Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE800P
Description  10/100 BASE-TX/FX 8 PORT TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE800P Datasheet(HTML) 2 Page - STMicroelectronics

  STE800P Datasheet HTML 1Page - STMicroelectronics STE800P Datasheet HTML 2Page - STMicroelectronics STE800P Datasheet HTML 3Page - STMicroelectronics STE800P Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STE800P
2/4
2.2 Physical Layer
• Integrates the whole Physical layer functions for
• 100BASE-TX full or half duplex Ethernet on CAT 5 twisted pair cable
• 100BASE-FX full or half duplex transmission over fiber optic cabling
• 10BASE-T full or half duplex Ethernet on CAT 3, 4 or 5 cable.
• Auto-negotiation(NWAY) function of full/half duplex operation for both 10 and 100 Mbps
• MLT-3 transceiver with DC restoration for Base-line wander compensation
• Transmit wave-shaper, receive filters, and adaptive equalizer
• Loop-back modes for diagnostic
• In Stream Cipher Scrambler/ De-scrambler
• 4B/5B, MLT3, NRZI and Manchester encoding/decoding
• 125 MHz clock generator and timing recovery
• Supports external transmit transformer with turn ratio 1.41 : 1
• Supports external receive transformer with turn ratio 1:1
2.3 LED Display
• Serial LED status pins
• Programmable parallel LED pins
2.4 Miscellaneous
• Standard 208-pin PQFP package pinout
Figure 2. System Diagram of the STE800P Application
OCTAL ETHERNET MAC CONTROLLER
STE800P
8 PORT 10/100MBPS PHY
MAGNETICS
RJ45
MAGNETICS
RJ45
Port 1
Port 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com