Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE800P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE800P
Description  10/100 BASE-TX/FX 8 PORT TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE800P Datasheet(HTML) 1 Page - STMicroelectronics

  STE800P Datasheet HTML 1Page - STMicroelectronics STE800P Datasheet HTML 2Page - STMicroelectronics STE800P Datasheet HTML 3Page - STMicroelectronics STE800P Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
STE800P
November 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
REVISION: A06
1.0 DESCRIPTION
The STE800P is a high performance Octal Fast
Ethernet physical layer interface for 10BASE-T and
100BASE-TX/ FX applications.
It was designed with advanced CMOS technology to
provide a RMII/SMII for easy attachment to 10/100
Media Access Controllers (MAC) and a physical me-
dia interface for 100BASE-TX / FX of IEEE802.3u
and 10BASE-T of IEEE802.3.
The STE800P supports both half-duplex and full-du-
plex operation, at 10 and 100 Mbps operation. Its op-
erating mode can be set using auto-negotiation,
parallel detection or manual control. It also allows for
the support of auto-negotiation functions for speed
and duplex detection.
2.0 FEATURE
2.1 Industry standard
• IEEE802.3u 100BASE-TX /FX and IEEE802.3
10BASE-T compliant
• Support for IEEE802.3x flow control
• IEEE802.3u Auto-Negotiation support
• RMII/SMII interface
• Low power, single supply 3.3V CMOS
• Shared MII management interface up to 25
Mbps
PQFP208
ORDERING NUMBER: STE800P
PRODUCT PREVIEW
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
Figure 1. BLOCK DIAGRAM FOR 1 PORT
LEDS
TRANS-
4B/ 5B
Binary to MLT3
Parallel
To
Serial
MITTER
10/100
NRZ To
Manchester
Encoder
Link Pulse
Generator
NRZ To
NRZI
Encoder
10 TX
Filter
TXP
TXN
TX Channel
100Mb/s
HW
SMII_EN
MDIO
MDIC
TXD(1:0)
TX_ER
TX_EN
CRS_DV
REFCLK
RX_ER
RXD(1:0)
Encoder
Scrambler
10Mb/s
RXN
RXP
RX Channel
RECEIVER
10/100
Link Pulse
Detector
10 RX Filter
Clk Recovery
SMART
Squelch
NRZ To
Manchester
Decoder
10Mb/s
Descrambler
Code Align
100Mb/s
4B/ 5B
Serial
To
Parallel
NRZI To
NRZ
Decoder
Adaptive
Equalization
Baseline
Wander
Binary To
MLT3 Decoder
Clock Recovery
HW Config
Power
Down
Pins
Config
Clock
Generation
Loopback
REGISTERS
Auto
Negotiation
System
Clock


Similar Part No. - STE800P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE820-30T2MI VISHAY-STE820-30T2MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
STMicroelectronics
STE88N65M5 STMICROELECTRONICS-STE88N65M5 Datasheet
1,008Kb / 14P
Higher dv/dt capability
24-Feb-2014
More results

Similar Description - STE800P

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5208 BOARDCOM-BCM5208 Datasheet
56Kb / 1P
10/100 BASE-TX QUAD TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
10/100 BASE TX/FX HEX TRANSCEIVER
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
100 BASE-TX/FX REPEATER CONTROLLER
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
10/100BASE-TX/FX Mini Transceiver
BCM5227 BOARDCOM-BCM5227 Datasheet
1Mb / 82P
10/100BASE-TX/FX Octal Transceiver
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
10/100BASE-TX/FX Octal Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com