Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF2222A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF2222A
Description  SMALL SIGNAL NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2222A Datasheet(HTML) 1 Page - STMicroelectronics

  STF2222A Datasheet HTML 1Page - STMicroelectronics STF2222A Datasheet HTML 2Page - STMicroelectronics STF2222A Datasheet HTML 3Page - STMicroelectronics STF2222A Datasheet HTML 4Page - STMicroelectronics STF2222A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STF2222A
SMALL SIGNAL NPN TRANSISTOR
PRELIMINARY DATA
s
SILICON EPITAXIAL PLANAR NPN
TRANSISTOR
s
MINIATURE SOT-89 PLASTIC PACKAGE
FOR SURFACE MOUNTING CIRCUITS
s
TAPE & REEL PACKING
s
THE PNP COMPLEMENTARY TYPE IS
STF2907A
APPLICATIONS
s
WELL SUITABLE FOR PORTABLE
EQUIPMENT
s
SMALL LOAD SWITCH TRANSISTOR WITH
HIGH GAIN AND LOW SATURATION
VOLTAGE
INTERNAL SCHEMATIC DIAGRAM
February 2003
Type
Marking
STF2222A
20F
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Emitter Voltage (IE = 0)
75
V
VCEO
Collector-Emitter Voltage (IB = 0)
40
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
0.6
A
ICM
Collector Peak Current (tp < 5 ms)
0.8
A
Ptot
Total Dissipation at Tamb = 25
oC
1.2
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
®
SOT-89
1/5


Similar Part No. - STF2222A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
STF22N60M6 STMICROELECTRONICS-STF22N60M6 Datasheet
453Kb / 13P
N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
November 2018 Rev 1
STF22NM60 STMICROELECTRONICS-STF22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
logo
Inchange Semiconductor ...
STF22NM60 ISC-STF22NM60 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF22NM60N STMICROELECTRONICS-STF22NM60N Datasheet
994Kb / 23P
N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
05-Nov-2011
More results

Similar Description - STF2222A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
SMALL SIGNAL NPN TRANSISTOR
Feb-2003
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
NPN Small Signal Transistor
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com