Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF2222A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF2222A
Description  SMALL SIGNAL NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2222A Datasheet(HTML) 3 Page - STMicroelectronics

  STF2222A Datasheet HTML 1Page - STMicroelectronics STF2222A Datasheet HTML 2Page - STMicroelectronics STF2222A Datasheet HTML 3Page - STMicroelectronics STF2222A Datasheet HTML 4Page - STMicroelectronics STF2222A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td
Delay Time
IC = 150 mA
IB = 15 mA
VCC = 30 V
510
ns
tr
Rise Time
12
25
ns
ts
Storage Time
IC = 150 mA
IB1 = - IB2 = 15 mA
VCC = 30 V
185
225
ns
tf
Fall Time
24
60
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
STF2222A
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com