Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF715 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF715
Description  NPN MEDIUM POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF715 Datasheet(HTML) 1 Page - STMicroelectronics

  STF715 Datasheet HTML 1Page - STMicroelectronics STF715 Datasheet HTML 2Page - STMicroelectronics STF715 Datasheet HTML 3Page - STMicroelectronics STF715 Datasheet HTML 4Page - STMicroelectronics STF715 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STF715
STN715
NPN MEDIUM POWER TRANSISTORS
s
SURFACE-MOUNTING DEVICES IN
MEDIUM POWER SOT-223 AND SOT-89
PACKAGES
s
AVAILABLE IN TAPE & REEL PACKING
APPLICATIONS
s
VOLTAGE REGULATION
s
RELAY DRIVER
s
GENERIC SWITCH
DECRIPTION
The STF715 and STN715 are NPN transistors
manufactured using Planar Technology resulting
in rugged high performance devices.
INTERNAL SCHEMATIC DIAGRAM
April 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Devices
STN715
STF715
Packages
SOT-223
SOT-89
VCBO
Collector-Base Voltage (IE = 0)
140
V
VCEO
Collector-Emitter Voltage (IB = 0)
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
1.5
A
ICM
Collector Peak Current (tp < 5 ms)
2
A
IB
Base Current
0.3
A
IBM
Base Peak Current (tp < 5 ms)
0.6
A
Ptot
Total Dissipation at Tc = 25
o C
1.6
1.4
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
1
2
2
3
SOT-223
®
SOT-89
Type
Marking
STF715
715
STN715
N715
1/5


Similar Part No. - STF715

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF715 STMICROELECTRONICS-STF715 Datasheet
138Kb / 8P
NPN low voltage transistors
08-Feb-2010
STF715 STMICROELECTRONICS-STF715_10 Datasheet
138Kb / 8P
NPN low voltage transistors
08-Feb-2010
More results

Similar Description - STF715

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
NPN medium power transistors
04-Apr-2008
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
NPN medium power transistors
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
NPN Medium Power Transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
NPN Medium Power Transistors
14-DEC-2021 V 2.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com