Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF715 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF715
Description  NPN MEDIUM POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF715 Datasheet(HTML) 2 Page - STMicroelectronics

  STF715 Datasheet HTML 1Page - STMicroelectronics STF715 Datasheet HTML 2Page - STMicroelectronics STF715 Datasheet HTML 3Page - STMicroelectronics STF715 Datasheet HTML 4Page - STMicroelectronics STF715 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
SOT-223
SOT-89
Rthj-amb
• Thermal Resistance Junction-ambient
Max
78
89
oC/W
• Device mounted on a PCB area of 1 cm2.
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 140 V
500
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 80 V
1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 10 mA
80
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 100 mA
IB = 10 mA
IC = 1 A
IB = 100 mA
0.25
0.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 100 mA
IB = 10 mA
IC = 1 A
IB = 100 mA
1
1.1
V
V
hFE
∗
DC Current Gain
IC = 100 mA
VCE = 2 V
IC = 500 mA
VCE = 2 V
IC = 1 A
VCE = 2 V
140
80
40
fT
Transition Frequency
IC = 0.1 A
VCE = 10 V
50
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
STF715 - STN715
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com