Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT23 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SOT23
Description  LOW VOLTAGE 4ohm SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT23 Datasheet(HTML) 1 Page - STMicroelectronics

  SOT23 Datasheet HTML 1Page - STMicroelectronics SOT23 Datasheet HTML 2Page - STMicroelectronics SOT23 Datasheet HTML 3Page - STMicroelectronics SOT23 Datasheet HTML 4Page - STMicroelectronics SOT23 Datasheet HTML 5Page - STMicroelectronics SOT23 Datasheet HTML 6Page - STMicroelectronics SOT23 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STG719
LOW VOLTAGE 4
Ω SPDT SWITCH
June 2000
s
HIGH SPEED:
tPD = 0.3 ns (TYP.) at VCC =5V
tPD = 0.4 ns (TYP.) at VCC = 3.0V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =85 oC
s
LOW ”ON” RESISTANCE:
RON =4
Ω (MAX.Ta=25oC) AT VCC =5V
RON =6
Ω (TYP.)AT VCC = 3.0V
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.8V to 5.5V SINGLE SUPPLY
DESCRIPTION
The STG719 is an high speed SPDT CMOS
SWITCH frabricated in silicon gate C
2MOS
technology. It is designed to operate from 1.8V to
5.5V, making this device ideal for portable
applications. It offers 4
Ω ON-Resistance Max at
5V 25
oC. Additional key features are fast
switching speed (tON=7ns, tOFF=4.5ns) and Low
Power
Consumption
(<0.01
µW Typ.). ESD
immunity is higher than 1000V per Method
3015.7 of MIL-STD-883B. It’s avalable in the
commercial temperature range.
PIN CONNECTION AND IEC LOGIC SYMBOLS
SOT23-6L
®
ORDER CODES
PACKAGE
T UBE
T & R
SOT23-6L
STG719FTR
1/7


Similar Part No. - SOT23

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
Thermal Resistance and Derating Information
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
Surface Mount Divider Network
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
167Kb / 3P
Surface mounted, 3 pin package
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
16Kb / 1P
OUTLINE AND MECHANICAL DATA
Jan-1999
logo
Diodes Incorporated
SOT23 DIODES-SOT23 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
More results

Similar Description - SOT23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com