Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT23 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SOT23
Description  LOW VOLTAGE 4ohm SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT23 Datasheet(HTML) 3 Page - STMicroelectronics

  SOT23 Datasheet HTML 1Page - STMicroelectronics SOT23 Datasheet HTML 2Page - STMicroelectronics SOT23 Datasheet HTML 3Page - STMicroelectronics SOT23 Datasheet HTML 4Page - STMicroelectronics SOT23 Datasheet HTML 5Page - STMicroelectronics SOT23 Datasheet HTML 6Page - STMicroelectronics SOT23 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
Test Co ndi tions
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VIHC
High Level Control
Input Voltage
3.0
(*)
2.0
2.0
V
5.0
(**)
2.4
2.4
VILC
Low Level Control
Input Voltage
3.0
(*)
0.4
0.4
V
5.0
(**)
0.8
0.8
RON
ON Resistance
3.0
(*)
VS =0 to VCC
IS =10 mA
67
10
Ω
5.0
(**)
45
∆RON
ON Resistance Match
Between Channels
3.0
(*)
VS =0 to VCC
IS =10 mA
0.1
0.4
Ω
5.0
(**)
0.1
0.4
RFLATON ON Resistance
Flatness
3.0
(*)
VS =0 to VCC
IS =10 mA
2.5
Ω
5.0
(**)
0.75
ISOFF
Source OFF Leakage
3.0
(*)
VS =1V or VCC
VD =VCC or 1V
VIN =VCC or G ND
±0.01 ±0.25
±0.35
nA
5.0
(**)
±0.01 ±0.25
±0.35
ISON
Channel ON Leakage
Current
3.0
(*)
VS=VD=1V to VCC-2.5V
VIN =VIHC
±0.01 ±0.25
±0.35
nA
5.0
(**)
±0.01 ±0.25
±0.35
IIN
Control Input Leakage
Current
3.0
(*)
VI =VIH or VIL
0.005
±0.1
µA
5.0
(**)
0.005
±0.1
ICC
Quiescent Supply
Current
3.0
(*)
VI =VCC or GND
0.001
1
µA
5.0
(**)
0.001
1
(*) Voltage range is 3.0V
± 0.3V
(**) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 35 pF, RL = 300
Ω)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPD
Delay Time
3.0
(*)
VS =3V square
wave f=1MHz
tr=tf=6ns
0.4
0.8
1.2
ns
5.0
(**)
0.3
0.6
1.0
tON
ON Channel Time
3.0
(*)
VS =2V
10
16
ns
5.0
(**)
VS =3V
7
11
tOFF
OFF Channel Time
3.0
(*)
VS = 2V
5.5
7
ns
5.0
(**)
VS = 3V
4.5
6
tD
Break Before Make
Time Delay
3.0
(*)
VS =2V
1
4
ns
5.0
(**)
VS =3V
1
4
CSOFF
OFF Channel
Capacitance
19
pF
CSON
ON Channel
Capacitance
33
pF
(*) Voltage range is 3.0V
± 0.3V
(**) Voltage range is 5V
± 0.5V
STG719
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com