Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD7NB60S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD7NB60S
Description  N-CHANNEL 7A - 600V DPAK Power MESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB60S Datasheet(HTML) 1 Page - STMicroelectronics

  STGD7NB60S Datasheet HTML 1Page - STMicroelectronics STGD7NB60S Datasheet HTML 2Page - STMicroelectronics STGD7NB60S Datasheet HTML 3Page - STMicroelectronics STGD7NB60S Datasheet HTML 4Page - STMicroelectronics STGD7NB60S Datasheet HTML 5Page - STMicroelectronics STGD7NB60S Datasheet HTML 6Page - STMicroelectronics STGD7NB60S Datasheet HTML 7Page - STMicroelectronics STGD7NB60S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STGD7NB60S
N-CHANNEL 7A - 600V DPAK
Power MESH
™ IGBT
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
VERY LOW ON-VOLTAGE DROP (Vcesat)
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX "T4")
DESCRIPTION
Using the latest high voltage technology based
on a patented strip layout, STMicroelectronics
has designed an advanced family of IGBTs, the
PowerMESH
™
IGBTs,
with
outstanding
perfomances. The suffix "S" identifies a family
optimized to achieve minimum on-voltage drop
for low frequency applications (<1kHz).
APPLICATIONS
s
LIGHT DIMMER
s
STATIC RELAYS
s
MOTOR CONTROL
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
VECR
Reverse Battery Protection
20
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at Tc = 25
oC15
A
IC
Collector Current (continuous) at Tc = 100
oC7
A
ICM(
•)
Collector Current (pulsed)
60
A
Ptot
Total Dissipation at Tc = 25
oC55
W
Derating Factor
0.44
W/
o C
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
TYPE
VCES
VCE(sat)
IC
STGD7NB60S
600 V
< 1.6 V
7 A
November 1999
1
3
DPAK
TO-252
(Suffix "T4")
1/8


Similar Part No. - STGD7NB60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB60F STMICROELECTRONICS-STGD7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
Jun-1999
STGD7NB60K STMICROELECTRONICS-STGD7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGD7NB60K STMICROELECTRONICS-STGD7NB60K Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
More results

Similar Description - STGD7NB60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
Jun-1999
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Jun-1999
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Mar-2000
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
43Kb / 6P
N-CHANNEL 7A - 1200V IPAK Power MESH IGBT
Apr-2000
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGD6NC60H STMICROELECTRONICS-STGD6NC60H_07 Datasheet
454Kb / 14P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
08-Feb-2007
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD_07 Datasheet
467Kb / 15P
N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
07-Feb-2007
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com