Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD7NB60S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGD7NB60S
Description  N-CHANNEL 7A - 600V DPAK Power MESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB60S Datasheet(HTML) 2 Page - STMicroelectronics

  STGD7NB60S Datasheet HTML 1Page - STMicroelectronics STGD7NB60S Datasheet HTML 2Page - STMicroelectronics STGD7NB60S Datasheet HTML 3Page - STMicroelectronics STGD7NB60S Datasheet HTML 4Page - STMicroelectronics STGD7NB60S Datasheet HTML 5Page - STMicroelectronics STGD7NB60S Datasheet HTML 6Page - STMicroelectronics STGD7NB60S Datasheet HTML 7Page - STMicroelectronics STGD7NB60S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
2.27
100
1.5
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter
Breakdown Voltage
IC = 250
µA
VGE = 0
600
V
VBR(ECR)
Emitter-Collector
Breakdown Voltage
IC = 1 mA
VGE = 0
20
V
ICES
Collector cut-off
(VGE = 0)
VCE = Max Rating
Tj =
25
oC
VCE = Max Rating
Tj = 125
o C
10
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE =
± 20 V
VCE = 0
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold
Voltage
VCE = VGE
IC = 250
µA
2.5
5
V
VCE(SAT)
Collector-Emitter
Saturation Voltage
VGE = 15 V
IC = 3 A
VGE = 15 V
IC = 7 A
VGE = 15 V
IC = 7 A
Tj = 125
oC
1
1.2
1.1
1.4
1.6
V
V
V
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC = 7 A
4
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE = 25 V
f = 1 MHz
VGE = 0
610
65
12
780
85
15
pF
pF
pF
QG
Gate Charge
VCE = 400 V
IC = 7 A
VGE = 15 V
33
nC
ICL
Latching Current
Vclamp = 480 V
RG=1k
Ω
Tj = 150
oC
15
A
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 480 V
IC = 7 A
VGE= 15 V
RG = 1 K
Ω
0.7
0.46
µs
µs
(di/dt)on
Eon
Turn-on Current Slope
Turn-on
Switching Losses
VCC = 480 V
IC = 7 A
RG = 1 K
Ω
VGE = 15 V
Tj = 125
oC
8
0.4
A/
µs
mJ
STGD7NB60S
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com