Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF326 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMCF326
Description  28-Lead Flash Memory DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF326 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMCF326 Datasheet HTML 13Page - Analog Devices ADMCF326 Datasheet HTML 14Page - Analog Devices ADMCF326 Datasheet HTML 15Page - Analog Devices ADMCF326 Datasheet HTML 16Page - Analog Devices ADMCF326 Datasheet HTML 17Page - Analog Devices ADMCF326 Datasheet HTML 18Page - Analog Devices ADMCF326 Datasheet HTML 19Page - Analog Devices ADMCF326 Datasheet HTML 20Page - Analog Devices ADMCF326 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADMCF326
–17–
REV. 0
Restarting the PWM after a fault condition is detected requires
clearing the fault and reinitializing the PWM. Clearing the fault
requires that
PWMTRIP returns to a HI state. After the fault has
been cleared, the PWM can be restarted by writing to registers
PWMTM, PWMCHA, PWMCHB, and PWMCHC. After the fault
is cleared and the PWM registers are initialized, internal timing of
the three-phase timing unit will resume, and the new duty cycle
values will be latched on the next rising edge of PWMSYNC.
PWM Registers
The configuration of the PWM registers is described at the end
of the data sheet. The parameters of the PWM block are tabu-
lated in Table V.
ADC OVERVIEW
The ADC of the ADMCF326 is based upon the single slope
conversion technique. This approach offers an inherently
monotonic conversion process and to within the noise and stability
of its components, and there will be no missing codes.
Table VI. ADC Auxiliary Channel Selection
MODECTRL (1)
MODECTRL (0)
Select
ADCMUX1
ADCMUX0
VAUX0
0
0
VAUX1
0
1
VAUX2
1
0
Calibration (VREF)1
1
The single slope technique has been adapted on the ADMCF326
for four channels that are simultaneously converted. Refer to
Figure 11 for the functional schematic of the ADC. Three of
the main inputs (V1, V2, and V3) are directly connected as
high impedance voltage inputs. The fourth channel has been con-
figured with a serially-connected 4-to-1 multiplexer. Table VI
shows the multiplexer input selection codes. One of these auxil-
iary multiplexed channels is used to calibrate the ramp against the
internal voltage reference (VREF).
VAUX0
V2L
VAUXL
PWMSYNC (CONVST)
ADC
REGISTERS
V1L
V3L
V2
(CAP RESET)
CLK MODECTRL<7>
12-BIT
ADC
TIMER
BLOCK
VREF
COMP
ADC REGISTERS
ADC1
ADC2
ADC3
ADCAUX
MODECTRL<0..1>
EXTERNAL
CHARGING
CAP
VC
ICONST
ICONST_TRIM<2:0>
VAUX1
VAUX2
COMP
COMP
COMP
V1
C
GND
4–1
MUX
V3
Figure 11. ADC Overview
Comparing each ADC input to a reference ramp voltage and
timing the comparison of the two signals performs the conversion
process. The actual conversion point is the time point inter-
section of the input voltage and the ramp voltage (VC) as shown in
Figure 12. This time is converted to counts by the 12-bit ADC
Timer Block and is stored in the ADC registers. The ramp voltage
used to perform the conversion is generated by driving a fixed
current into an off-chip capacitor, where the capacitor voltage is
VC = (I/C)
× t
Following reset, VC = 0 at t = 0. This reset and the start of
the conversion process are initiated by the PWMSYNC pulse,
as shown in Figure 12. The width of the PWMSYNC pulse is
controlled by the PWMSYNCWT register and should be pro-
grammed according to Figure 13 to ensure complete resetting.
In order to compensate for IC process manufacturing tolerances
(and to adjust for capacitor tolerances), the current source of the
ADMCF326 is software programmable. The software setting of the
magnitude of the ICONST current generator is accomplished by
selecting one of eight steps over approximately 20% current range.
Table V. Fundamental Characteristics of PWM Generation Unit of ADMCF326
16-BIT PWM TIMER
Parameter
Min
Typ
Max
Unit
Counter Resolution
16
Bits
Edge Resolution (Single Update Mode)
100
ns
Edge Resolution (Double Update Mode)
50
ns
Programmable Dead Time Range
0
100
µs
Programmable Dead Time Increments
100
ns
Programmable Pulse Deletion Range
0
100
µs
Programmable Pulse Deletion Increments
100
ns
PWM Frequency Range
150
Hz
PWMSYNC Pulsewidth (TCRST)
0.05
12.5
µs
Gate Drive Chop Frequency Range
0.02
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com