Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF326 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMCF326
Description  28-Lead Flash Memory DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF326 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMCF326 Datasheet HTML 17Page - Analog Devices ADMCF326 Datasheet HTML 18Page - Analog Devices ADMCF326 Datasheet HTML 19Page - Analog Devices ADMCF326 Datasheet HTML 20Page - Analog Devices ADMCF326 Datasheet HTML 21Page - Analog Devices ADMCF326 Datasheet HTML 22Page - Analog Devices ADMCF326 Datasheet HTML 23Page - Analog Devices ADMCF326 Datasheet HTML 24Page - Analog Devices ADMCF326 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADMCF326
–21–
REV. 0
Following power-on or reset, all bits of PIOINTEN0 and
PIOINTEN1 are cleared so that no interrupts are enabled.
Each PIO line has an internal pull-down resistor so that follow-
ing power-on or reset all nine lines are configured as input PIOs
and will be read as logic lows if left unconnected.
Multiplexing of PIO Lines
The PIO0–PIO5 lines are multiplexed on the ADMCF326 with
the functional lines of the serial port, SPORT1. Although the
PIOSELECT register permits individual selection of the func-
tionality of each pin, certain restrictions apply when using
SPORT1 for serial communications.
In general, when transmitting and receiving data on the DTI and
DRIB pins, respectively, the PIO0/TFS1 and PIO5/RFS1 pins
must also be selected for SPORT (TFS1 and RFS1) functional-
ity even if unframed communication is implemented. Therefore,
when using SPORT1 for any type of serial communication, the
minimal setting for PIOSELECT is 0xD8 (i.e., select DTI, DRIB,
RFS1 and TFS1, select PIO7, PIO6, PIO4, PIO3 as digital I/O).
If the serial port communications use an internally generated
SCLK1, the PIO3/SCLK1 pin may be used as a general-purpose
PIO line. When external SCLK mode is selected, the PIO/SCLK1
pin must be enabled as SCLK1 (PIOSELECT [3] = 0).
When the DRIB data receive line of SPORT1 is selected as
the data receive line (MODECTRL [4] = 1), the PIO4/DRIA
line may be used as a general-purpose PIO pin. When the DRIA
data receive line of SPORT1 is selected as the data receive line
(MODECTRL [4] = 0), the PIO2/DRIB line may be used as
a general-purpose PIO pin.
The functionality of the PIO6/CLKOUT, PIO7/AUX1, and
PIO8/AUX0 pins may be selected on a pin-by-pin basis as desired.
PIO Registers
The configuration of all registers of the PIO system is shown at
the end of the data sheet.
INTERRUPT CONTROL
The ADMCF326 can respond to 16 different interrupt sources,
some of which are generated by internal DSP core interrupts
and others from the motor control peripherals. The DSP core
interrupts include the following:
· A Peripheral (or IRQ2) Interrupt.
· A SPORT1 Receive (or
IRQ0) and a SPORT1 Transmit (or
IRQ1) Interrupt.
· Two Software Interrupts.
· An Interval Timer Time-Out Interrupt.
The interrupts generated by the motor control peripherals include:
· A PWMSYNC Interrupt.
· Nine Programmable Input/Output (PIO) Interrupts.
· A PWM Trip Interrupt.
The core interrupts are internally prioritized and individually
maskable. All peripheral interrupts are multiplexed into the DSP
core through the peripheral (
IRQ2) interrupt.
The PWMSYNC interrupt is triggered by a low-to-high tran-
sition on the PWMSYNC pulse. The
PWMTRIP interrupt is
triggered on a high-to-low transition on the
PWMTRIP pin, or
by writing to the PWMSWT register. A PIO interrupt is detected
on any change of state (high-to-low or low-to-high) on the
PIO lines.
The ADMCF326 interrupt control system is configured and
controlled by the IFC, IMASK, and ICNTL registers of the
DSP core and by the IRQFLAG register for the PWMSYNC
and
PWMTRIP interrupts. PIO interrupts are enabled and
disabled by the PIOINTEN0 and PIOINTEN1 registers.
Table IX. Interrupt Vector Addresses
Interrupt Source
Interrupt Vector Address
PWMTRIP
0x002C (Highest Priority)
Peripheral Interrupt (
IRQ2)
0x0004
PWMSYNC
0x000C
PIO
0x0008
Software Interrupt 1
0x0018
Software Interrupt 0
0x001C
SPORT1 Transmit Interrupt (or
IRQ1) 0x0020
SPORT1 Receive Interrupt (or
IRQ0) 0x0024
Timer
0x0028 (Lowest Priority)
Interrupt Masking
Interrupt masking (or disabling) is controlled by the IMASK
register of the DSP core. This register contains individual bits
that must be set to enable the various interrupt sources. If any
peripheral interrupt (PWMSYNC,
PWMTRIP, or PIO) is to
be enabled, the
IRQ2 interrupt enable bit (Bit 9) of the IMASK
register must be set. The configuration of the IMASK register of
the ADMCF326 is shown at the end of the data sheet.
Interrupt Configuration
The IFC and ICNTL registers of the DSP core control and config-
ure the interrupt controller of the DSP core. The IFC register is a
16-bit register that may be used to force and/or clear any of
the eight DSP interrupts. Bits 0 to 7 of the IFC register may
be used to clear the DSP interrupts while Bits 8 to 15 can be
used to force a corresponding interrupt. Writing to Bits 11 and 12
in IFC is the only way to create the two software interrupts.
The ICNTL register is used to configure the sensitivity (edge
or level) of the
IRQ0, IRQ1, and IRQ2 interrupts and to enable/
disable interrupt nesting. Setting Bit 0 of ICNTL configures the
IRQ0 as edge-sensitive, while clearing the bit configures it for
level-sensitive. Bit 1 is used to configure the
IRQ1 interrupt.
Table VIII. Auxiliary PWM Timer
AUXILIARY PWM TIMERS
Parameter
Test Conditions
Min
Typ
Max
Unit
Resolution
8
Bits
PWM Frequency
10 MHz CLKIN
0.039
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com