Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30FILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT30FILM
Description  Small signal Schotky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30FILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAT30FILM Datasheet HTML 1Page - STMicroelectronics BAT30FILM Datasheet HTML 2Page - STMicroelectronics BAT30FILM Datasheet HTML 3Page - STMicroelectronics BAT30FILM Datasheet HTML 4Page - STMicroelectronics BAT30FILM Datasheet HTML 5Page - STMicroelectronics BAT30FILM Datasheet HTML 6Page - STMicroelectronics BAT30FILM Datasheet HTML 7Page - STMicroelectronics BAT30FILM Datasheet HTML 8Page - STMicroelectronics BAT30FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2006
Rev 1
1/12
BAT30 Series
Small signal Schotky diodes
Main product characteristics
Features and benefits
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ Extremely fast switching
■ Surface mount device
■ Low capacitance diode
Description
The BAT30 series uses 30 V Schotky barrier
diodes encapsulated in a wide range of packages
such as SOD-323, SOD-523, SOT-23, SOT-323,
or SOT-666. This device is specially suited for
switching mode applications needing low forward
voltage drop diodes.
Order codes
IF
300 mA
VRRM
30 V
C (typ)
14 pF
Tj (max)
150° C
Part Number
Marking
BAT30FILM
B30
BAT30SFILM
S30
BAT30CFILM
C30
BAT30AFILM
A30
BAT30WFILM
B30
BAT30SWFILM
S30
BAT30CWFILM
C30
BAT30AWFILM
A30
BAT30JFILM
30
BAT30KFILM
30
BAT30-07P6FILM
P3
BAT30-09P6FILM
Q3
SOD-323
SOD-523
SOT-23
SOT-666
BAT30JFILM
(Single)
BAT30KFILM
(Single)
BAT30FILM
(Single)
BAT30SFILM
(Series)
BAT30CFILM
(Common cathode)
BAT30WFILM
(Single)
BAT30CWFILM
(Common cathode)
BAT30AWFILM
(Common anode)
BAT30SWFILM
(Series)
BAT30-07P6FILM
(2 parallel diodes)
BAT30-09P6FILM
(2 opposite diodes)
BAT30AFILM
(Common anode)
SOT-323
Configurations in top view
www.st.com


Similar Part No. - BAT30FILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT30FILM STMICROELECTRONICS-BAT30FILM Datasheet
168Kb / 14P
Small signal Schottky diodes
13-Oct-2009
More results

Similar Description - BAT30FILM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com