Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30FILM Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAT30FILM
Description  Small signal Schotky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30FILM Datasheet(HTML) 3 Page - STMicroelectronics

  BAT30FILM Datasheet HTML 1Page - STMicroelectronics BAT30FILM Datasheet HTML 2Page - STMicroelectronics BAT30FILM Datasheet HTML 3Page - STMicroelectronics BAT30FILM Datasheet HTML 4Page - STMicroelectronics BAT30FILM Datasheet HTML 5Page - STMicroelectronics BAT30FILM Datasheet HTML 6Page - STMicroelectronics BAT30FILM Datasheet HTML 7Page - STMicroelectronics BAT30FILM Datasheet HTML 8Page - STMicroelectronics BAT30FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BAT30 Series
Characteristics
3/12
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
C
Diode capacitance
VR = 0 V, F = 1 MHz
22
pF
VR = 1 V, F = 1 MHz
14
VR = 10 V, F = 1 MHz
6
Figure 1.
Power dissipation versus average
forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 1)
0.000
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
δ=0.05
δ=0.2
δ=0.1
δ=0.5
δ=1
T
δ=tp/T
tp
I(A)
F(AV)
P (W)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
25
50
75
100
125
150
T
δ=tp/T
tp
I(A)
F(AV)
T
(° C)
amb
Figure 3.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOT-23)
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
(SOT-323 / SOD-323)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Alumine substrate
10 x 8 x 0.5 mm
Single pulse
SOT-23
Z
th(j-a)/Rth(j-a)
tP(s)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SOT-323/SOD-323
Epoxy FR4
S
CU=2.25 mm²
e
CU=35 µm
(s)
tP
Z
th(j-a)/Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com