Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6210 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6210
Description  Dual Schottky diode bridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6210 Datasheet(HTML) 6 Page - STMicroelectronics

  L6210 Datasheet HTML 1Page - STMicroelectronics L6210 Datasheet HTML 2Page - STMicroelectronics L6210 Datasheet HTML 3Page - STMicroelectronics L6210 Datasheet HTML 4Page - STMicroelectronics L6210 Datasheet HTML 5Page - STMicroelectronics L6210 Datasheet HTML 6Page - STMicroelectronics L6210 Datasheet HTML 7Page - STMicroelectronics L6210 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
L6210
6/8
4
Package information
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 5.
PDIP 16 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
(*)“D” and “E1” dimensions do not include mold flash or protusions.
Mold flash or protusions shall not exceed 0.25mm.
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.330
0.2098
A1
0.380
0.0150
A2
2.920
3.300
4.950 0.1150 0.1299 0.1949
b
0.360
0.460
0.560 0.0142 0.0181 0.0220
b2
1.140
1.520
1.780 0.0449 0.0598 0.0701
c
0.200
0.250
0.360 0.0079 0.0098 0.0142
D(*)
18.670 19.180 19.690 0.7350 0.7551 0.7752
E
7.620
7.870
8.260 0.3000 0.3098 0.3252
E1(*)
6.100
6.350
7.110 0.2402 0.2500 0.2799
e
2.540
0.1000
e1
17.780
0.7000
eA
7.620
0.3000
eB
10.920
0.4299
L
2.920
3.300
3.810 0.1150 0.1299 0.1500
PDIP 16
0015895 E
0015895_E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com