Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6210 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6210
Description  Dual Schottky diode bridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6210 Datasheet(HTML) 5 Page - STMicroelectronics

  L6210 Datasheet HTML 1Page - STMicroelectronics L6210 Datasheet HTML 2Page - STMicroelectronics L6210 Datasheet HTML 3Page - STMicroelectronics L6210 Datasheet HTML 4Page - STMicroelectronics L6210 Datasheet HTML 5Page - STMicroelectronics L6210 Datasheet HTML 6Page - STMicroelectronics L6210 Datasheet HTML 7Page - STMicroelectronics L6210 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
L6210
Mounting instructions
5/8
3
Mounting instructions
The Rth j-amb of the L6210 can be reduced by soldering the GND pins to suitable copper
area of the printed circuit boards as shown in Figure 3 or to an external heatsink (Figure 4).
During soldering the pin temperature must not exceed 260°C and the soldering time must
not be longer then 12 s. The external heatsink or printed circuit copper area must be
connected to electrical ground.
Figure 3.
Example of PC board copper area which is used as heatsink
Figure 4.
Example of an external heatsink



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com