Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6393D013TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6393D013TR
Description  Half-bridge gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D013TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6393D013TR Datasheet HTML 6Page - STMicroelectronics L6393D013TR Datasheet HTML 7Page - STMicroelectronics L6393D013TR Datasheet HTML 8Page - STMicroelectronics L6393D013TR Datasheet HTML 9Page - STMicroelectronics L6393D013TR Datasheet HTML 10Page - STMicroelectronics L6393D013TR Datasheet HTML 11Page - STMicroelectronics L6393D013TR Datasheet HTML 12Page - STMicroelectronics L6393D013TR Datasheet HTML 13Page - STMicroelectronics L6393D013TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
L6393
10/20
5.2
DC operation
Table 8.
DC opereation electrical characteristics (VCC = 15 V; TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Low supply voltage section
Vcc_hys
4
Vcc UV hysteresis
600
1500
mV
Vcc_thON
Vcc UV Turn ON threshold
9.5
V
Vcc_thOFF
Vcc UV Turn OFF threshold
8.0
V
Iqccu
Undervoltage quiescent
supply current
VCC = 8 V
SD = 5 V; PHASE and
BRAKE = GND;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
110
150
µA
Iqcc
Quiescent current
VCC = 15 V
SD = 5 V; PHASE and
BRAKE = GND;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
600
1000
µA
Bootstrapped supply voltage section
VBS_hys
14
VBS UV hysteresis
600
1000
mV
VBS_thON
VBS UV turn ON Threshold
9.1
V
VBS_thOFF
VBS UV turn OFF
Threshold
8.1
V
IQBSU
Undervoltage Vboot
quiescent current
VBS = 7 V
SD = 5 V; PHASE and
BRAKE = 5 V;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
60
110
µA
IQBS
Vboot quiescent current
VBS = 15 V
SD = 5 V; PHASE and
BRAKE = 5 V;
RDT = 0 Ω;
CP + = GND; CP - = 0.5 V
140
210
µA
ILK
High voltage leakage
current
Vhvg = Vout = Vboot = 600 V
10
µA
Rdson
Bootstrap driver on
resistance (1)
LVG ON
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com