Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6393D013TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6393D013TR
Description  Half-bridge gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D013TR Datasheet(HTML) 3 Page - STMicroelectronics

  L6393D013TR Datasheet HTML 1Page - STMicroelectronics L6393D013TR Datasheet HTML 2Page - STMicroelectronics L6393D013TR Datasheet HTML 3Page - STMicroelectronics L6393D013TR Datasheet HTML 4Page - STMicroelectronics L6393D013TR Datasheet HTML 5Page - STMicroelectronics L6393D013TR Datasheet HTML 6Page - STMicroelectronics L6393D013TR Datasheet HTML 7Page - STMicroelectronics L6393D013TR Datasheet HTML 8Page - STMicroelectronics L6393D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
L6393
Block diagram
3/20
1
Block diagram
Figure 1.
Block diagram
UV
DETECTION
LEVEL
SHIFTER
BOOTSTRAPDRIVER
S
VCC
LVG
DRIVER
BRAKE
PHASE
HVG
DRIVER
HVG
OUT
LVG
BOOT
UV
DETECTION
+
-
GND
CPOUT
R
LOGIC
SHOOT
THROUGH
PREVENTION
FLOATINGSTRUCTURE
COMPARATOR
CP+
1
10
12
13
14
7
8
3
4
10
9
6
CP-
SD
2
DT
DEAD
TIME
5
from LVG
VCC
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com