Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM119D Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM119D
Description  High speed dual comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM119D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM119D Datasheet HTML 4Page - STMicroelectronics LM119D Datasheet HTML 5Page - STMicroelectronics LM119D Datasheet HTML 6Page - STMicroelectronics LM119D Datasheet HTML 7Page - STMicroelectronics LM119D Datasheet HTML 8Page - STMicroelectronics LM119D Datasheet HTML 9Page - STMicroelectronics LM119D Datasheet HTML 10Page - STMicroelectronics LM119D Datasheet HTML 11Page - STMicroelectronics LM119D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM119-LM219-LM319
Ordering information
11/12
6
Ordering information
7
Revision history
Table 6.
Order codes
Order code
Temperature range
Package
Packaging
Marking
LM119N
-55°C to +125°C
DIP14
Tube
LM119N
LM119D
LM119DT
SO-14
Tube or
Tape & reel
119
LM219N
-40°C to +105°C
DIP14
Tube
LM219N
LM219D
LM219DT
SO-14
Tube or
Tape & reel
219
LM319N
0°C to +70°C
DIP14
Tube
LM319N
LM319D
LM319DT
SO-14
Tube or
Tape & reel
319
Table 7.
Document revision history
Date
Revision
Changes
5-Jul-2002
1
Initial release.
28-Jan-2007
2
Added ESD, Rthja parameters in Table 1: Absolute maximum ratings
(AMR).
Expanded orderable parts table, see Table 6: Order codes.
Updated document format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com