Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM119D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM119D
Description  High speed dual comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM119D Datasheet(HTML) 4 Page - STMicroelectronics

  LM119D Datasheet HTML 1Page - STMicroelectronics LM119D Datasheet HTML 2Page - STMicroelectronics LM119D Datasheet HTML 3Page - STMicroelectronics LM119D Datasheet HTML 4Page - STMicroelectronics LM119D Datasheet HTML 5Page - STMicroelectronics LM119D Datasheet HTML 6Page - STMicroelectronics LM119D Datasheet HTML 7Page - STMicroelectronics LM119D Datasheet HTML 8Page - STMicroelectronics LM119D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
LM119-LM219-LM319
4/12
3
Electrical characteristics
Table 3.
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
LM119 - LM219
LM319
Unit
Min.
Typ.
Max.
Min
Typ.
Max.
Vio
Input offset voltage (Rs ≤ 5kΩ)
(1) (2)
Tmin ≤ Tamb ≤ Tmax
0.7
4
7
28
10
mV
Iio
Input offset current (1)
Tmin ≤ Tamb ≤ Tmax
30
75
100
80
200
300
nA
Iib
Input bias current (1)
Tmin ≤ Tamb ≤ Tmax
150
500
1000
250
1000
1200
nA
Avd
Large signal voltage gain
10
40
8
40
V/mV
ICC
+
Positive supply current
VCC = ±15V
VCC
+ = +5V, VCC- = 0V
8
4.3
11.5
8
4.3
12.5
mA
ICC
-
Negative supply current
3
4.5
3
5
mA
Vicm
Input common mode voltage range
VCC = ±15V
VCC
+ = +5V, V
CC
- = 0V
±12
1
±13
3
±12
1
±13
3
V
VOL
Low level output voltage
Io = 25mA
Vi ≤ -5mV
Vi ≤ -10mV
Tmin ≤ Tamb ≤ Tmax
VCC
+ ≥ +4.5V, VCC- = 0V, Io(sink) < 3.2mA
Vi ≤ -6mV
Vi ≤ -10mV
0.75
0.23
1.5
0.4
0.75
0.3
1.5
0.4
V
IOH
High level output current (Vo = +35V)
Vi ≥ 5mV
Vi ≥ 10mV
Tmin ≤Tamb ≤Tmax, Vi ≥ 5mV
0.2
1
2
10
0.2
10
μA
tres
Response time (3)
80
80
ns
1.
These specifications apply for VCC = ±15V, unless otherwise stated.The offset voltage, offset current and bias current
specifications apply for any supply voltage from a single +5V up to ±15V supplies. The offset voltages and offset current
given are the maximum values required to drive the output down to 1V or up to +14V with a 1mA load current. Thus, these
parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
2.
At output switch point, Vo
≈ 1.4V, no load, with VCC from 5V to ±15V and over the full input common-mode range.
3.
The response time specified is for a 100mV input step with 5mV overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com