Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2904
Description  Low power dual operational amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904 Datasheet(HTML) 1 Page - STMicroelectronics

  LM2904 Datasheet HTML 1Page - STMicroelectronics LM2904 Datasheet HTML 2Page - STMicroelectronics LM2904 Datasheet HTML 3Page - STMicroelectronics LM2904 Datasheet HTML 4Page - STMicroelectronics LM2904 Datasheet HTML 5Page - STMicroelectronics LM2904 Datasheet HTML 6Page - STMicroelectronics LM2904 Datasheet HTML 7Page - STMicroelectronics LM2904 Datasheet HTML 8Page - STMicroelectronics LM2904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
April 2008
Rev 11
1/22
22
LM2904
Low power dual operational amplifier
Features
■ Internally frequency compensated
■ Large DC voltage gain: 100 dB
■ Wide bandwidth (unity gain): 1.1 MHz
(temperature compensated)
■ Very low supply current/op (500 µA) essentially
independent of supply voltage
■ Low input bias current: 20 nA (temperature
compensated)
■ Low input offset current: 2 nA
■ Input common-mode voltage range includes
negative rail
■ Differential input voltage range equal to the
power supply voltage
■ Large output voltage swing 0 V to (VCC
+ -1.5 V)
Description
This circuit consists of two independent, high
gain, internally frequency compensated
operational amplifiers which were designed
specifically for automotive and industrial control
system. It operates from a single power supply
over a wide range of voltages. The low power
supply drain is independent of the magnitude of
the power supply voltage.
Application areas include transducer amplifiers,
DC gain blocks and all the conventional op-amp
circuits which now can be more easily
implemented in single power supply systems. For
example, these circuits can be directly supplied
from the standard +5 V which is used in logic
systems and will easily provide the required
interface electronics without requiring any
additional power supply.
In the linear mode the input common-mode
voltage range includes ground and the output
voltage can also swing to ground, even though
operated from a single power supply.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
S
MiniSO-8
Pin connections (top view)
www.st.com


Similar Part No. - LM2904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
Dual Operational Amplifier
logo
Intersil Corporation
LM2904 INTERSIL-LM2904 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
logo
Harris Corporation
LM2904 HARRIS-LM2904 Datasheet
400Kb / 7P
DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM2904

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
Low-power dual operational amplifier
02-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com