Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM119 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM119
Description  High speed dual comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM119 Datasheet(HTML) 3 Page - STMicroelectronics

  LM119 Datasheet HTML 1Page - STMicroelectronics LM119 Datasheet HTML 2Page - STMicroelectronics LM119 Datasheet HTML 3Page - STMicroelectronics LM119 Datasheet HTML 4Page - STMicroelectronics LM119 Datasheet HTML 5Page - STMicroelectronics LM119 Datasheet HTML 6Page - STMicroelectronics LM119 Datasheet HTML 7Page - STMicroelectronics LM119 Datasheet HTML 8Page - STMicroelectronics LM119 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM119-LM219-LM319
Absolute maximum ratings and operating conditions
3/12
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
Vo - VCC
-
Output to negative supply voltage
36
V
VCC
-
Negative supply voltage
-25
V
VCC
+
Positive supply voltage
18
V
Vid
Differential input voltage
±5
V
Vi
Input voltage (1)
1.
For supply voltages lower than ±15V the absolute maximum input voltage is equal to the supply voltage.
±15
V
Output short-circuit to ground
Infinite
Tj
Maximum junction temperature
150
°C
Tstg
storage temperature range
-65 to +150
°C
Rthja
Thermal resistance junction to ambient (2) (3)
DIP14
SO-14
2.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers.
3.
Rth are typical values.
80
105
°C/W
Rthjc
Thermal resistance junction to case (2) (3)
DIP14
SO-14
33
31
°C/W
ESD
HBM: human body model(4)
MM: machine model(5)
CDM: charged device model(6)
4.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
5.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins
of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
6.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
400
100
1500
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
5 to ±15
V
Toper
Operating free-air temperature range
LM119
LM219
LM319
-55 to + 125
-40 to + 105
0 to + 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com