Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM119 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM119
Description  High speed dual comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM119 Datasheet(HTML) 1 Page - STMicroelectronics

  LM119 Datasheet HTML 1Page - STMicroelectronics LM119 Datasheet HTML 2Page - STMicroelectronics LM119 Datasheet HTML 3Page - STMicroelectronics LM119 Datasheet HTML 4Page - STMicroelectronics LM119 Datasheet HTML 5Page - STMicroelectronics LM119 Datasheet HTML 6Page - STMicroelectronics LM119 Datasheet HTML 7Page - STMicroelectronics LM119 Datasheet HTML 8Page - STMicroelectronics LM119 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2008
Rev 2
1/12
12
LM119-LM219-LM319
High speed dual comparators
Features
Two independent comparators
Supply voltage: +5V to ±15V
Typically 80ns response time at ±15V
Minimum fan-out of 2 each side
Maximum input current of 1µa over operating
temperature range
Inputs and outputs can be isolated from system
ground
High common-mode slew rate
Description
These products are precision high speed dual
comparators designed to operate over a wide
range of supply voltages down to a single 5V logic
supply and ground. They feature low input
currents and high gains.
The open collector of the output stage makes it
compatible with TTL as well as capable of driving
lamps and relays at currents up to 25mA.
Although designed primarily for applications
requiring operation from digital logic supplies, the
comparators are fully specified for power supplies
up to ±15V.
They feature faster response than LM111 at the
expense of higher current consumption. However,
the high speed, wide operating voltage range and
low package count make the LM119/219/319
much more versatile.
DIP14
(Plastic package)
SO-14
(Plastic micropackage)
4
5
6
7
8
9
10
11
13
1
2
3
14
12
V
CC
V
CC
+
Inverting input 1
Non-inverting input 2
-
Non-inverting input 1
Inverting input 2
N.C.
N.C.
Ground 1
Output 2
Ground 2
N.C.
N.C.
Output 1
Pin connections
(Top view)
www.st.com


Similar Part No. - LM119

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Linear Technology
LM119 LINER-LM119 Datasheet
240Kb / 8P
Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
logo
Linear Technology
LM119 LINER-LM119 Datasheet
195Kb / 12P
Dual Comparator
More results

Similar Description - LM119

ManufacturerPart #DatasheetDescription
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
STMicroelectronics
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
HIGH SPEED DUAL COMPARATORS
Oct-1997
logo
Analog Devices
ADCMP563 AD-ADCMP563 Datasheet
326Kb / 16P
Dual High Speed ECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
Dual High Speed PECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
logo
Analog Devices
ADCMP563 AD-ADCMP563_05 Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
ADCMP563 AD-ADCMP563_15 Datasheet
221Kb / 16P
Dual, High Speed ECL Comparators
REV. C
ADCMP564 AD-ADCMP564_15 Datasheet
221Kb / 16P
Dual, High Speed ECL Comparators
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com