Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP563 Datasheet (PDF) - Analog Devices

ADCMP563 Datasheet PDF - Analog Devices
Part # ADCMP563
Download  ADCMP563 Download
File Size   326.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed ECL Comparators

ADCMP563 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP563 Datasheet PDF - Analog Devices

Part # ADCMP563
Download  ADCMP563 Click to download

File Size   326.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed ECL Comparators

ADCMP563 Datasheet (HTML) - Analog Devices


ADCMP563 Product details

GENERAL DESCRIPTION
The ADCMP563/ADCMP564 are high speed comparators fabricated on Analog Devices’ proprietary XFCB process. The devices feature a 700 ps propagation delay with less than 75 ps overdrive dispersion. Dispersion, a measure of the difference in propagation delay under differing overdrive conditions, is a particularly important characteristic of high speed comparators.
   
FEATURES
    Differential ECL-compatible outputs
    700 ps propagation delay input to output
    75 ps propagation delay dispersion
    Input common-mode range: –2.0 V to +3.0 V
    Robust input protection
    Differential latch control
    Internal latch pull-up resistors
    Power supply rejection greater than 85 dB
    700 ps minimum pulse width
    1.5 GHz equivalent input rise time bandwidth
    Typical output rise/fall time of 500 ps
    ESD protection > 4kV HBM, >200V MM
    Programmable hysteresis
   
APPLICATIONS
    Automatic test equipment
    High speed instrumentation
    Scope and logic analyzer front ends
    Window comparators
    High speed line receivers
    Threshold detection
    Peak detection
    High speed triggers
    Patient diagnostics
    Hand-held test instruments
    Zero crossing detectors
    Line receivers and signal restoration
    Clock drivers
   




Similar Part No. - ADCMP563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP563 AD-ADCMP563 Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
ADCMP563BCP-R2 AD-ADCMP563BCP-R2 Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
ADCMP563BCP-RL7 AD-ADCMP563BCP-RL7 Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
ADCMP563BCP-WP AD-ADCMP563BCP-WP Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
ADCMP563BRQ AD-ADCMP563BRQ Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
More results


Similar Description - ADCMP563

ManufacturerPart #DatasheetDescription
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
STMicroelectronics
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
HIGH SPEED DUAL COMPARATORS
Oct-1997
logo
Maxim Integrated Produc...
MAX9600 MAXIM-MAX9600 Datasheet
268Kb / 12P
Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators
Rev 1; 9/02
logo
Analog Devices
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
Dual High Speed PECL Comparators
7/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
logo
Analog Devices
ADCMP563 AD-ADCMP563_05 Datasheet
279Kb / 16P
Dual, High Speed ECL Comparators
REV. B
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
High speed dual comparators
28-Jan-2007
logo
Analog Devices
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
Dual High Speed PECL Comparators
REV. A
ADCMP563 AD-ADCMP563_15 Datasheet
221Kb / 16P
Dual, High Speed ECL Comparators
REV. C
ADCMP564 AD-ADCMP564_15 Datasheet
221Kb / 16P
Dual, High Speed ECL Comparators
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com