Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP563 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP563
Description  Dual High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP563 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP563 Datasheet HTML 2Page - Analog Devices ADCMP563 Datasheet HTML 3Page - Analog Devices ADCMP563 Datasheet HTML 4Page - Analog Devices ADCMP563 Datasheet HTML 5Page - Analog Devices ADCMP563 Datasheet HTML 6Page - Analog Devices ADCMP563 Datasheet HTML 7Page - Analog Devices ADCMP563 Datasheet HTML 8Page - Analog Devices ADCMP563 Datasheet HTML 9Page - Analog Devices ADCMP563 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP563/ADCMP564
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADCMP563
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–INA
+INA
QA
QA
GND
VEE
LEA
LEA
–INB
+INB
QB
QB
GND
VCC
LEB
LEB
ADCMP564
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
–INA
QA
QA
GND
VEE
LEA
LEA
GND
+INA
HYSA
–INB
QB
QB
GND
VCC
LEB
LEB
GND
+INB
HYSB
Figure 4. ADCMP563 16-Lead QSOP Pin Configuration
Figure 5. ADCMP564 20-Lead QSOP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
ADCMP563
ADCMP564
Mnemonic
Function
1
GND
Analog Ground.
1
2
QA
One of two complementary outputs for Channel A. QA is logic high if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEA for more information.
2
3
QA
One of two complementary outputs for Channel A. QA is logic low if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEA for more information.
3
4
GND
Analog Ground.
4
5
LEA
One of two complementary inputs for Channel A Latch Enable. In compare mode (logic high),
the output tracks changes at the input of the comparator. In latch mode (logic low), the output
reflects the input state just prior to the comparator being placed in the latch mode. LEA must
be driven in conjunction with LEA. If left unconnected, the comparator defaults to compare
mode.
5
6
LEA
One of two complementary inputs for Channel A Latch Enable. In compare mode (logic low),
the output tracks changes at the input of the comparator. In latch mode (logic high), the
output reflects the input state just prior to the comparator being placed in the latch mode. LEA
must be driven in conjunction with LEA. If left unconnected, the comparator defaults to
compare mode.
6
7
VEE
Negative Supply Terminal.
7
8
−INA
Inverting Analog Input of the Differential Input Stage for Channel A. The inverting A input must
be driven in conjunction with the noninverting A input.
8
9
+INA
Noninverting Analog Input of the Differential Input Stage for Channel A. The noninverting A
input must be driven in conjunction with the inverting A input.
10
HYSA
Programmable Hysteresis Input.
11
HYSB
Programmable Hysteresis Input.
9
12
+INB
Noninverting Analog Input of the Differential Input Stage for Channel B. The noninverting B
input must be driven in conjunction with the inverting B input.
10
13
−INB
Inverting Analog Input of the Differential Input Stage for Channel B. The inverting B input must
be driven in conjunction with the noninverting B input.
11
14
VCC
Positive Supply Terminal.
12
15
LEB
One of two complementary inputs for Channel B Latch Enable. In compare mode (logic low),
the output tracks changes at the input of the comparator. In latch mode (logic high), the
output reflects the input state just prior to the comparator being placed in the latch mode. LEB
must be driven in conjunction with LEB. If left unconnected, the comparator defaults to
compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com