Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41ST84W Datasheet HTML 14Page - STMicroelectronics M41ST84W Datasheet HTML 15Page - STMicroelectronics M41ST84W Datasheet HTML 16Page - STMicroelectronics M41ST84W Datasheet HTML 17Page - STMicroelectronics M41ST84W Datasheet HTML 18Page - STMicroelectronics M41ST84W Datasheet HTML 19Page - STMicroelectronics M41ST84W Datasheet HTML 20Page - STMicroelectronics M41ST84W Datasheet HTML 21Page - STMicroelectronics M41ST84W Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Clock operation
M41ST84W
18/34
Table 3.
TIMEKEEPER® register map
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 seconds
0.01 seconds
Seconds
00-99
01h
ST
10 seconds
Seconds
Seconds
00-59
02h
0
10 minutes
Minutes
Minutes
00-59
03h
CEB
CB
10 hours
Hours (24 hour format)
Century/hours
0-1/00-23
04h
TR
0
0
0
0
Day of week
Day
01-7
05h
0
0
10 date
Date: day of month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 years
Year
Year
00-99
08h
OUT
FT
S
Calibration
Control
09h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
ABE
Al 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
AI 10 date
Alarm date
Al date
01-31
0Ch
RPT3
HT
AI 10 hour
Alarm hour
Al hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDF
AF
0
BL
0
0
0
0
Flags
10h
0
00
00
00
0
Reserved
11h
0
00
00
00
0
Reserved
12h
0
00
00
00
0
Reserved
13h
RS3
RS2
RS1
RS0
0
0
0
0
SQW
Keys:
S = Sign bit
RB0-RB1 = Watchdog resolution bits
FT = Frequency test bit
WDS = Watchdog steering bit
ST = Stop bit
ABE = Alarm in battery backup mode enable bit
0 = Must be set to zero
RPT1-RPT5 = Alarm repeat mode bits
BL = Battery low flag (read only)
WDF = Watchdog flag (read only)
BMB0-BMB4 = Watchdog multiplier bits
AF = Alarm flag (read only)
CEB = Century enable bit
SQWE = Square wave enable
CB = Century bit
RS0-RS3 = SQW frequency
OUT = Output level
HT = Halt update bit
AFE = Alarm flag enable flag
TR = trec bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com