Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41ST84W Datasheet HTML 25Page - STMicroelectronics M41ST84W Datasheet HTML 26Page - STMicroelectronics M41ST84W Datasheet HTML 27Page - STMicroelectronics M41ST84W Datasheet HTML 28Page - STMicroelectronics M41ST84W Datasheet HTML 29Page - STMicroelectronics M41ST84W Datasheet HTML 30Page - STMicroelectronics M41ST84W Datasheet HTML 31Page - STMicroelectronics M41ST84W Datasheet HTML 32Page - STMicroelectronics M41ST84W Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
M41ST84W
DC and AC parameters
29/34
Table 12.
DC characteristics
Table 13.
Crystal electrical characteristics (externally supplied)
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6 V (except where noted).
M41ST84W
Unit
Min
Typ
Max
IBAT
Battery current OSC ON
TA = 25°C, VCC = 0 V,
VBAT = 3 V
400
500
nA
Battery current OSC OFF
50
nA
ICC1
Supply current
f = 400 kHz
0.75
mA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3 V
or VSS + 0.3 V
0.50
mA
ILI
(2)
2.
RSTIN internally pulled-up to VCC through 100 KΩ resistor. WDI internally pulled-down to VSS through 100 KΩ resistor.
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
Input leakage current (PFI)
–25
2
25
nA
ILO
(3)
3.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
V
VBAT
Battery voltage
2.5
3.0
3.5(4)
4.
For rechargeable backup, VBAT (max) may be considered VCC.
V
VOH
Output high voltage(5)
5.
For PFO and SQW pins (CMOS).
IOH = –1.0mA
2.4
V
VOL
Output low voltage
IOL = 3.0mA
0.4
V
Output low voltage (open drain)(6)
6.
For IRQ/FT/OUT, RST pins (open drain): if pulled-up to supply other than VCC, this supply must be equal to, or less than
3.0 V when VCC = 0 V (during battery backup mode).
IOL = 10mA
0.4
V
Pull-up supply voltage (open
drain)
RST, IRQ/FT/OUT
3.6
V
VPFD
Power fail deselect
2.55
2.60
2.70
V
VPFI
PFI input threshold
VCC = 3V(W)
1.225
1.250
1.275
V
PFI hysteresis
PFI Rising
20
70
mV
VSO
Battery backup switchover
2.5
V
Symbol
Parameter(1)(2)
1.
Load capacitors are integrated within the M41ST84W. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
2.
STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, tuning fork type (thru-hole) or the DMX-26S:
1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can be contacted at
http://www.kds.info/index_en.htm for further information on this crystal type.
Typ
Min
Max
Unit
f0
Resonant frequency
32.768
kHz
RS
Series resistance
50
k
Ω
CL
Load capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com