Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T0 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T0
Description  Serial real-time clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T0_08 Datasheet HTML 10Page - STMicroelectronics M41T0_08 Datasheet HTML 11Page - STMicroelectronics M41T0_08 Datasheet HTML 12Page - STMicroelectronics M41T0_08 Datasheet HTML 13Page - STMicroelectronics M41T0_08 Datasheet HTML 14Page - STMicroelectronics M41T0_08 Datasheet HTML 15Page - STMicroelectronics M41T0_08 Datasheet HTML 16Page - STMicroelectronics M41T0_08 Datasheet HTML 17Page - STMicroelectronics M41T0_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Clock operation
M41T0
14/22
3.3
Initial power-on defaults
Upon initial application of power to the device, the OUT bit and OF bit will be set to a '1,'
while the ST bit will be set to '0.' All other register bits will initially power-on in a random
state.
Table 3.
Register map(1)
1.
Keys:
ST = STOP bit
OUT = Output level
X = Don’t care
0 = Must be set to '0.'
CEB = Century enable bit
CB = Century bit
OF = Oscillator fail bit
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
0
ST
10 seconds
Seconds
Seconds
00-59
1
OF
10 minutes
Minutes
Minutes
00-59
2CEB (2)
2.
When CEB is set to '1', CB toggles from '0' to '1' or from '1' to '0' at the turn of the century (dependent upon
the initial value set). When CEB is set to '0', CB does not toggle.
CB
10 hours
Hours
Century/hours
0-1/00-23
3
X
X
X
X
X
Day
Day
01-07
4
X
X
10 date
Date
Date
01-31
5
X
X
X
10 M.
Month
Month
01-12
6
10 years
Years
Year
00-99
7
OUT
0
X
X
X
X
X
X
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com