Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T0
Description  Serial real-time clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T0_08 Datasheet HTML 12Page - STMicroelectronics M41T0_08 Datasheet HTML 13Page - STMicroelectronics M41T0_08 Datasheet HTML 14Page - STMicroelectronics M41T0_08 Datasheet HTML 15Page - STMicroelectronics M41T0_08 Datasheet HTML 16Page - STMicroelectronics M41T0_08 Datasheet HTML 17Page - STMicroelectronics M41T0_08 Datasheet HTML 18Page - STMicroelectronics M41T0_08 Datasheet HTML 19Page - STMicroelectronics M41T0_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DC and AC parameters
M41T0
16/22
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Figure 11.
AC testing input/output waveform
Table 5.
Operating and AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data is no longer driven.
Parameter
M41T0
Unit
Supply voltage (VCC)
2.0 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Load capacitance (CL)
100
pF
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output timing ref. voltages
0.3VCC to 0.7VCC
V
Table 6.
Capacitance
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5V; sampled only, not 100% tested
2.
At 25°C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance (SCL)
7
pF
COUT
(3)
3.
Outputs deselected.
Output capacitance (SDA, OUT)
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com