Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358WN Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM358WN
Description  Low power dual operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358WN Datasheet(HTML) 1 Page - STMicroelectronics

  LM358WN Datasheet HTML 1Page - STMicroelectronics LM358WN Datasheet HTML 2Page - STMicroelectronics LM358WN Datasheet HTML 3Page - STMicroelectronics LM358WN Datasheet HTML 4Page - STMicroelectronics LM358WN Datasheet HTML 5Page - STMicroelectronics LM358WN Datasheet HTML 6Page - STMicroelectronics LM358WN Datasheet HTML 7Page - STMicroelectronics LM358WN Datasheet HTML 8Page - STMicroelectronics LM358WN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2008
Rev 7
1/18
18
LM158W-LM258W-LM358W
Low power dual operational amplifiers
Features
■ Internally frequency compensated
■ Large DC voltage gain: 100 dB
■ Wide bandwidth (unity gain): 1.1 MHz
(temperature compensated)
■ Very low supply current per operator
essentially independent of supply voltage
■ Low input bias current: 20 nA
(temperature compensated)
■ Low input offset voltage: 2 mV
■ Low input offset current: 2 nA
■ Input common-mode voltage range includes
ground
■ Differential input voltage range equal to the
power supply voltage
■ Large output voltage swing 0 V to VCC
+-1.5 V
■ ESD internal protection: 1.5 kV
Description
These circuits consist of two independent, high-
gain, internally frequency-compensated which
were designed specifically to operate from a
single power supply over a wide range of
voltages. The low power supply drain is
independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers,
DC gain blocks and all the conventional op-amp
circuits which now can be more easily
implemented in single power supply systems. For
example, these circuits can be directly supplied
with the standard +5 V which is used in logic
systems and will easily provide the required
interface electronics without requiring any
additional power supply.
In the linear mode the input common-mode
voltage range includes ground and the output
voltage can also swing to ground, even though
operated from only a single power supply voltage.
N
DIP-8
(Plastic package)
D & S
SO-8 & miniSO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
Pin connections
(top view)
www.st.com


Similar Part No. - LM358WN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358WN STMICROELECTRONICS-LM358WN Datasheet
300Kb / 16P
Low Power Dual Operational Amplifiers
Jul-2005
LM358WN STMICROELECTRONICS-LM358WN Datasheet
307Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
More results

Similar Description - LM358WN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com