Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358WN Datasheet(PDF) 16 Page - STMicroelectronics

Part # LM358WN
Description  Low power dual operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358WN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LM358WN Datasheet HTML 10Page - STMicroelectronics LM358WN Datasheet HTML 11Page - STMicroelectronics LM358WN Datasheet HTML 12Page - STMicroelectronics LM358WN Datasheet HTML 13Page - STMicroelectronics LM358WN Datasheet HTML 14Page - STMicroelectronics LM358WN Datasheet HTML 15Page - STMicroelectronics LM358WN Datasheet HTML 16Page - STMicroelectronics LM358WN Datasheet HTML 17Page - STMicroelectronics LM358WN Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Ordering information
LM158W-LM258W-LM358W
16/18
6
Ordering information
Table 7.
Order codes
Order code
Temperature
range
Package
Packaging
Marking
LM158WN
-55°C, +125°C
DIP-8
Tube
LM158WN
LM158WD
LM158WDT
SO-8
Tube or
tape & reel
158W
LM258WAN
-40°C, +105°C
DIP-8
Tube
LM258WA
LM258WAD
LM258WADT
SO-8
Tube or
tape & reel
258WA
LM258WN
DIP-8
Tube
LM258WN
LM258WD
LM258WDT
SO-8
Tube or
tape & reel
258W
LM258WYPT (1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
40°C, +105°C
TSSOP8
(Automotive grade)
Tape & reel
258WY
LM258AWYPT(1)
K410
LM258WYD(2)
LM258WYDT (2)
2.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO-8
(Automotive grade)
Tube or
tape & reel
258WY
LM258AWYD(2)
LM258AWYDT(2)
258AWY
LM358WN
0°C, +70°C
DIP-8
Tube
LM358WN
LM358WD
LM358WDT
SO-8
Tube or
tape & reel
358W
LM358AWD
LM358AWDT
358AW
LM358WYD(2)
LM358WYDT(2)
0°C, +70°C
SO-8
(Automotive grade)
Tube or
tape & reel
358WY
LM358AWYD(2)
LM358AWYDT(2)
358AWY
LM358WYPT(1)
TSSOP8
(Automotive grade)
Tape & reel
358WY
LM358AWYPT(1)
K411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com