Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358APT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM358APT
Description  Low power dual operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358APT Datasheet(HTML) 1 Page - STMicroelectronics

  LM358APT Datasheet HTML 1Page - STMicroelectronics LM358APT Datasheet HTML 2Page - STMicroelectronics LM358APT Datasheet HTML 3Page - STMicroelectronics LM358APT Datasheet HTML 4Page - STMicroelectronics LM358APT Datasheet HTML 5Page - STMicroelectronics LM358APT Datasheet HTML 6Page - STMicroelectronics LM358APT Datasheet HTML 7Page - STMicroelectronics LM358APT Datasheet HTML 8Page - STMicroelectronics LM358APT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2008
Rev 7
1/19
19
LM158-LM258-LM358
Low power dual operational amplifiers
Features
Internally frequency compensated
Large DC voltage gain: 100 dB
Wide bandwidth (unity gain): 1.1 MHz
(temperature compensated)
Very low supply current per operator
essentially independent of supply voltage
Low input bias current: 20 nA
(temperature compensated)
Low input offset voltage: 2 mV
Low input offset current: 2 nA
Input common-mode voltage range includes
negative rails
Differential input voltage range equal to the
power supply voltage
Large output voltage swing 0 V to (VCC
+ - 1.5V)
Description
These circuits consist of two independent, high-
gain, internally frequency-compensated op-amps
which are designed specifically to operate from a
single power supply over a wide range of
voltages. The low power supply drain is
independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers,
DC gain blocks and all the conventional op-amp
circuits which now can be more easily
implemented in single power supply systems. For
example, these circuits can be directly supplied
with the standard +5 V which is used in logic
systems and will easily provide the required
interface electronics without requiring any
additional power supply.
In linear mode, the input common-mode voltage
range includes ground and the output voltage can
also swing to ground, even though operated from
only a single power supply voltage.
N
DIP8
(Plastic package)
D & S
SO-8 & miniSO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input
3 - Non-inverting input
4 - VCC-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC+
Pin connections
(Top view)
www.st.com


Similar Part No. - LM358APT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358APT STMICROELECTRONICS-LM358APT Datasheet
271Kb / 16P
Low Power Dual Operational Amplifiers
LM358APT STMICROELECTRONICS-LM358APT Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM358APT STMICROELECTRONICS-LM358APT Datasheet
1Mb / 25P
Low-power dual operational amplifiers
22-Nov-2017
LM358APT STMICROELECTRONICS-LM358APT Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
Rev 3
More results

Similar Description - LM358APT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com