Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358APT Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM358APT
Description  Low power dual operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358APT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM358APT Datasheet HTML 7Page - STMicroelectronics LM358APT Datasheet HTML 8Page - STMicroelectronics LM358APT Datasheet HTML 9Page - STMicroelectronics LM358APT Datasheet HTML 10Page - STMicroelectronics LM358APT Datasheet HTML 11Page - STMicroelectronics LM358APT Datasheet HTML 12Page - STMicroelectronics LM358APT Datasheet HTML 13Page - STMicroelectronics LM358APT Datasheet HTML 14Page - STMicroelectronics LM358APT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM158-LM258-LM358
Typical applications
11/19
Figure 25.
Using symmetrical amplifiers to
reduce input current
Figure 26.
Low drift peak detector
Figure 27.
Active band-pass filter
1/2
LM158
I
B
2N 929
0.001mF
I
B
3M
W
I
B
eo
I
I
e I
I
B
I
B
Input current compensation
1.5M
W
1/2
LM158
I
B
2N 929
0.001
mF
I
B
3R
3M
W
I
B
Input current
compensation
eo
I
B
e I
1/2
LM158
Z
o
Z
I
C
1
mF
2IB
R
1M
W
2I
B
1/2
LM158
1/2
LM158
1/2
LM158
R8
100k
W
C3
10
mF
R7
100k
W
R5
470k
W
C1
330pF
Vo
VCC
R6
470k
W
C2
330pF
R4
10M
W
R1
100k
W
R2
100k
W
+V1
R3
100k
W
1/2
LM158
1/2
LM158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com