Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358YPT Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM358YPT
Description  Low power dual operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358YPT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM358YPT Datasheet HTML 3Page - STMicroelectronics LM358YPT Datasheet HTML 4Page - STMicroelectronics LM358YPT Datasheet HTML 5Page - STMicroelectronics LM358YPT Datasheet HTML 6Page - STMicroelectronics LM358YPT Datasheet HTML 7Page - STMicroelectronics LM358YPT Datasheet HTML 8Page - STMicroelectronics LM358YPT Datasheet HTML 9Page - STMicroelectronics LM358YPT Datasheet HTML 10Page - STMicroelectronics LM358YPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM158-LM258-LM358
Electrical characteristics
7/19
Figure 2.
Open loop frequency response
Figure 3.
Large signal frequency response
1.0
10
100
1k
10k 100k
1M 10M
VCC = +10 to + 15V &
FREQUENCY (Hz)
10M W
VI
VCC/2
VCC = 30V &
0.1mF
VCC
VO
-
+
-55°C Tamb +125°C
140
120
100
80
60
40
20
0
-55°C Tamb +125°C
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k W
1k W
100k W
+15V
VO
-
+
VI
20
15
10
5
0
Figure 4.
Voltage follower pulse response
Figure 5.
Voltage follower pulse response
010
20
30
40
TIME (ms)
RL 2 kW
VCC = +15V
4
3
2
1
0
3
2
1
0
1
2
3
4
5
6
7
8
Input
Tamb = +25°C
VCC = 30 V
Output
eO
el
50pF
+
-
TIME (ms)
500
450
400
350
300
250
Figure 6.
Input current
Figure 7.
Output characteristics
-55 -35 -15
5
25
45 65
85 105 125
VI = 0 V
VCC = +30 V
VCC = +15 V
VCC = +5 V
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
OUTPUT SINK CURRENT (mA)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb = +25°C
vcc/2
vcc
+
10
1
0.1
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com