Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358YPT Datasheet(PDF) 17 Page - STMicroelectronics

Part # LM358YPT
Description  Low power dual operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358YPT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LM358YPT Datasheet HTML 11Page - STMicroelectronics LM358YPT Datasheet HTML 12Page - STMicroelectronics LM358YPT Datasheet HTML 13Page - STMicroelectronics LM358YPT Datasheet HTML 14Page - STMicroelectronics LM358YPT Datasheet HTML 15Page - STMicroelectronics LM358YPT Datasheet HTML 16Page - STMicroelectronics LM358YPT Datasheet HTML 17Page - STMicroelectronics LM358YPT Datasheet HTML 18Page - STMicroelectronics LM358YPT Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
LM158-LM258-LM358
Ordering information
17/19
7
Ordering information
Table 8.
Order codes
Order code
Temperature range
Package
Packaging
Marking
LM158N
-55°C, +125°C
DIP8
Tube
LM158N
LM158D
LM158DT
SO-8
Tube or tape & reel
158
LM158YD(1)
LM158YDT(1)
SO-8
Automotive grade
158Y
LM258AN
-40°C, +105°C
DIP8
Tube
LM258A
LM258AD
LM258ADT
SO-8
Tube or tape & reel
258A
LM258AYD(1)
LM258AYDT(1)
SO-8
Automotive grade
258AY
LM258PT
LM258APT
TSSOP8
Tape & reel
258
258A
LM258YPT(2)
LM258AYPT(2)
TSSOP8
Automotive grade
258Y
258AY
LM258AST
MiniSO-8
Tape & reel
K408
LM258N
DIP8
Tube
LM258N
LM258D
LM258DT
SO-8
Tube or tape & reel
258
LM258YD(1)
LM258YDT(1)
SO-8
Automotive grade
258Y
LM358N
LM358AN
0°C, +70°C
DIP8
Tube
LM358N
LM358AN
LM358D
LM358DT
SO-8
Tube or tape & reel
358
LM358YD(1)
LM358YDT(1)
SO-8
Automotive grade
358Y
LM358AD
LM358ADT
SO-8
358A
LM358PT
LM358APT
TSSOP8
Tape & reel
358
358A
LM358YPT(2)
LM358AYPT(2)
TSSOP8
Automotive grade
358Y
358AY
LM358ST
LM358AST
MiniSO-8
Tape & reel
K405
K404
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.
2.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com