Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AST Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM358AST
Description  Low power dual operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AST Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM358AST Datasheet HTML 2Page - STMicroelectronics LM358AST Datasheet HTML 3Page - STMicroelectronics LM358AST Datasheet HTML 4Page - STMicroelectronics LM358AST Datasheet HTML 5Page - STMicroelectronics LM358AST Datasheet HTML 6Page - STMicroelectronics LM358AST Datasheet HTML 7Page - STMicroelectronics LM358AST Datasheet HTML 8Page - STMicroelectronics LM358AST Datasheet HTML 9Page - STMicroelectronics LM358AST Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
LM158-LM258-LM358
6/19
CMR
Common mode rejection ratio
Rs ≤ 10 kΩ
Tmin ≤ Tamb ≤ Tmax
70
60
85
dB
Isource
Output current source
VCC
+ = +15 V, V
o = +2 V, Vid = +1 V
20
40
60
mA
Isink
Output sink current
VCC
+ = +15V, V
o = +2V, Vid = -1V
VCC
+ = +15V, V
o = +0.2V, Vid = -1V
10
12
20
50
mA
µA
VOH
High level output voltage
RL = 2 kΩ, VCC
+ = 30 V
Tmin ≤ Tamb ≤ Tmax
RL = 10 kΩ, VCC
+ = 30 V
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
V
VOL
Low level output voltage
RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew rate
VCC
+ = 15V, V
i = 0.5 to 3V, RL = 2kΩ,
CL = 100pF, unity Gain
0.3
0.6
V/µs
GBP
Gain bandwidth product
VCC
+ = 30 V, f = 100 kHz,V
in = 10 mV,
RL = 2 kΩ, CL = 100 pF
0.7
1.1
MHz
THD
Total harmonic distortion
f = 1 kHz, Av = 20 dB, RL = 2 kΩ, Vo = 2 Vpp,
CL = 100 pF, VO = 2 Vpp
0.02
%
en
Equivalent input noise voltage
f = 1 kHz, Rs = 100 Ω, VCC
+ = 30 V
55
Vo1/Vo2
Channel separation(4)
1kHz
≤ f ≤ 20 kHz
120
dB
1.
Vo = 1.4 V, Rs = 0 Ω, 5 V < VCC
+ < 30 V, 0 < V
ic < VCC
+ - 1.5 V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output
so there is no change in the load on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V.
The upper end of the common-mode voltage range is VCC
+ - 1.5 V, but either or both inputs can go to +32 V without
damage.
4.
Due to the proximity of external components, ensure that stray capacitance between these external parts does not cause
coupling. Typically, this can be detected because this type of capacitance increases at higher frequencies.
Table 3.
Electrical characteristics for VCC
+ = +5V, V
CC
- = Ground, V
o = 1.4V, Tamb = +25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com