Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AST Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM358AST
Description  Low power dual operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358AST Datasheet(HTML) 5 Page - STMicroelectronics

  LM358AST Datasheet HTML 1Page - STMicroelectronics LM358AST Datasheet HTML 2Page - STMicroelectronics LM358AST Datasheet HTML 3Page - STMicroelectronics LM358AST Datasheet HTML 4Page - STMicroelectronics LM358AST Datasheet HTML 5Page - STMicroelectronics LM358AST Datasheet HTML 6Page - STMicroelectronics LM358AST Datasheet HTML 7Page - STMicroelectronics LM358AST Datasheet HTML 8Page - STMicroelectronics LM358AST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM158-LM258-LM358
Electrical characteristics
5/19
4
Electrical characteristics
Table 3.
Electrical characteristics for VCC
+ = +5V, V
CC
- = Ground, V
o = 1.4V, Tamb = +25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
LM158A
LM258A, LM358A
LM158, LM258
LM358
1
2
2
3
5
7
mV
Tmin ≤ Tamb ≤ Tmax
LM158A, LM258A, LM358A
LM158, LM258
LM358
4
7
9
DVio
Input offset voltage drift
LM158A, LM258A, LM358A
LM158, LM258, LM358
7
7
15
30
µV/°C
Iio
Input offset current
LM158A, LM258A, LM358A
LM158, LM258, LM358
Tmin ≤ Tamb ≤ Tmax
LM158A, LM258A, LM358A
LM158, LM258, LM358
2
2
10
30
30
40
nA
DIio
Input offset current drift
LM158A, LM258A, LM358A
LM158, LM258, LM358
10
10
200
300
pA/°C
Iib
Input bias current (2)
LM158A, LM258A, LM358A
LM158, LM258, LM358
Tmin ≤ Tamb ≤ Tmax
LM158A, LM258A, LM358A
LM158, LM258, LM358
20
20
50
150
100
200
nA
Avd
Large signal voltage gain
VCC
+= +15 V, R
L = 2 kΩ, Vo = 1.4 V to 11.4 V
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply voltage rejection ratio
VCC
+ = 5 V to 30 V, R
s ≤ 10 kΩ
Tmin ≤ Tamb ≤ Tmax
65
65
100
dB
ICC
Supply current, all amp, no load
Tmin ≤ Tamb ≤ Tmax VCC
+ = +5 V
Tmin ≤ Tamb ≤ Tmax VCC
+ = +30 V
0.7
1.2
2
mA
Vicm
Input common mode voltage range
VCC
+= +30 V (3)
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com