Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T56
Description  Serial real-time clock with 56 bytes NVRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T56_07 Datasheet HTML 13Page - STMicroelectronics M41T56_07 Datasheet HTML 14Page - STMicroelectronics M41T56_07 Datasheet HTML 15Page - STMicroelectronics M41T56_07 Datasheet HTML 16Page - STMicroelectronics M41T56_07 Datasheet HTML 17Page - STMicroelectronics M41T56_07 Datasheet HTML 18Page - STMicroelectronics M41T56_07 Datasheet HTML 19Page - STMicroelectronics M41T56_07 Datasheet HTML 20Page - STMicroelectronics M41T56_07 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
M41T56
DC and AC parameters
17/25
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in Table 5:
Operating and AC measurement conditions. Designers should check that the operating
conditions in their projects match the measurement conditions when using the quoted
parameters.
Figure 13.
AC measurement I/O waveform
Table 5.
Operating and AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data is no longer driven.
Parameter
Value
Unit
Supply voltage (VCC)
4.5 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Load capacitance (CL)
100
pF
Input rise and fall times
≤ 5ns
Input pulse voltages
0 to 3
V
Input and output timing ref. voltages
1.5
V
Table 6.
Capacitance
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5V; sampled, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input capacitance (SCL)
7
pF
COUT
(3)
3.
Outputs deselected.
Output capacitance (SDA, FT/OUT)
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
0.25
1
µs
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com