Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T56 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T56
Description  Serial real-time clock with 56 bytes NVRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T56_07 Datasheet HTML 15Page - STMicroelectronics M41T56_07 Datasheet HTML 16Page - STMicroelectronics M41T56_07 Datasheet HTML 17Page - STMicroelectronics M41T56_07 Datasheet HTML 18Page - STMicroelectronics M41T56_07 Datasheet HTML 19Page - STMicroelectronics M41T56_07 Datasheet HTML 20Page - STMicroelectronics M41T56_07 Datasheet HTML 21Page - STMicroelectronics M41T56_07 Datasheet HTML 22Page - STMicroelectronics M41T56_07 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
M41T56
DC and AC parameters
19/25
Table 9.
Power down/up mode AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V (except where noted).
Min
Max
Unit
tPD
SCL and SDA at VIH before power down
0
ns
tFB
VPFD (min) to VSS VCC fall time
300
µs
tRB
VSS to VPFD (min) VCC rise time
100
µs
tREC
SCL and SDA at VIH after power up
10
µs
Table 10.
Power down/up trip points DC characteristics
Symbol
Parameter(1)(2)
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V (except where noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
1.2 VBAT
1.25 VBAT
1.285 VBAT
V
VSO
Battery back-up switchover voltage
VBAT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com