Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C31BN Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST26C31BN
Description  CMOS quad 3-state differential line driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31BN Datasheet(HTML) 1 Page - STMicroelectronics

  ST26C31BN Datasheet HTML 1Page - STMicroelectronics ST26C31BN Datasheet HTML 2Page - STMicroelectronics ST26C31BN Datasheet HTML 3Page - STMicroelectronics ST26C31BN Datasheet HTML 4Page - STMicroelectronics ST26C31BN Datasheet HTML 5Page - STMicroelectronics ST26C31BN Datasheet HTML 6Page - STMicroelectronics ST26C31BN Datasheet HTML 7Page - STMicroelectronics ST26C31BN Datasheet HTML 8Page - STMicroelectronics ST26C31BN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2008
Rev 8
1/15
15
ST26C31B
CMOS quad 3-state differential line driver
Features
■ TTL input compatible
■ Typical propagation delay: 6 ns
■ Typical output skew: 0.5 ns
■ Output will not load line when VCC = 0 V
■ Meets the requirements of EIA standard
RS-422
■ Operation from single 5 V supply
■ 3-state outputs for connection to system buses
■ Low quiescent current
■ Available in surface mount
Description
The ST26C31B is a quad differential line driver
designed for digital data transmission over
balanced lines and meets all the requirements of
EIA standard RS-422 while retaining the low
power characteristics of CMOS.
The ST26C31B accepts TTL or CMOS input
levels and translates these to RS-422 output
levels. This part uses special outputs circuitry
common to all four drivers. All outputs are
protected against damage due to electrostatic
discharge by diode to VCC and ground.
DIP-16
SO-16
TSSOP16
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
ST26C31BN
-40 to 85 °C
DIP-16
25 parts per tube / 40 tube per box
ST26C31BDR
-40 to 85 °C
SO-16 (tape and reel)
2500 parts per reel
ST26C31BTR
-40 to 85 °C
TSSOP16 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST26C31BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
57Kb / 10P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Dec-2002
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
More results

Similar Description - ST26C31BN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Dec-2002
ST34C86 STMICROELECTRONICS-ST34C86 Datasheet
191Kb / 10P
CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
Sep-2002
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
ST26C32AB STMICROELECTRONICS-ST26C32AB Datasheet
621Kb / 14P
CMOS quad 3-state differential line receiver
12-Jun-2008
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
3 V LVDS Quad CMOS Differential Line Driver
REV. B
logo
Texas Instruments
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
CMOS Quad TRI-STATE Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com