Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485EB Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST485EB
Description  /-15 kV ESD protected, low power RS-485/RS-422 transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST485EB Datasheet HTML 3Page - STMicroelectronics ST485EB Datasheet HTML 4Page - STMicroelectronics ST485EB Datasheet HTML 5Page - STMicroelectronics ST485EB Datasheet HTML 6Page - STMicroelectronics ST485EB Datasheet HTML 7Page - STMicroelectronics ST485EB Datasheet HTML 8Page - STMicroelectronics ST485EB Datasheet HTML 9Page - STMicroelectronics ST485EB Datasheet HTML 10Page - STMicroelectronics ST485EB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST485EB - ST485EC - ST485EX
Electrical characteristics
7/18
IOSD2
Driver short-circuit current,
VO=Low
VO = -7 to 12 V
(3)
35
250
mA
IOSR
Receiver short-circuit current VO = 0 V to VCC
795
mA
1.
All currents into device pins are positive; all out of device pins are negative; all voltages are referenced to device ground
unless specified.
2.
Supply current specification is valid for loaded transmitters when VDE = 0 V
3.
Applies to peak current. See typical Operating Characteristics.
Table 7.
DC electrical characteristics (continued) (VCC = 5 V ± 5 %, TA = TMIN to TMAX, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
Table 8.
Driver switching characteristics (VCC = 5 V ± 5 %, TA = TMIN to TMAX, unless otherwise
specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay input to
output
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(See Figure 4 and Figure 6)
25
45
ns
tSK
Output skew to output
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(See Figure 4 and Figure 6)
25
ns
tTLH
tTHL
Rise or fall time
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(See Figure 4 and Figure 6)
15
40
ns
tPZH
Output enable time
CL = 100 pF, S2 = Closed
(See Figure 5 and Figure 7)
35
50
ns
tPZL
Output enable time
CL = 100 pF, S1 = Closed
(See Figure 5 and Figure 7)
25
40
ns
tPLZ
Output disable time
CL = 15 pF, S1 = Closed
(See Figure 5 and Figure 7)
25
40
ns
tPHZ
Output disable time
CL = 15 pF, S2 = Closed
(See Figure 5 and Figure 7)
35
50
ns
1.
All currents into device pins are positive; all out of device pins are negative; all voltages are referenced to device ground
unless specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com