Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485EB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST485EB
Description  /-15 kV ESD protected, low power RS-485/RS-422 transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EB Datasheet(HTML) 1 Page - STMicroelectronics

  ST485EB Datasheet HTML 1Page - STMicroelectronics ST485EB Datasheet HTML 2Page - STMicroelectronics ST485EB Datasheet HTML 3Page - STMicroelectronics ST485EB Datasheet HTML 4Page - STMicroelectronics ST485EB Datasheet HTML 5Page - STMicroelectronics ST485EB Datasheet HTML 6Page - STMicroelectronics ST485EB Datasheet HTML 7Page - STMicroelectronics ST485EB Datasheet HTML 8Page - STMicroelectronics ST485EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2008
Rev 13
1/18
18
ST485EB
ST485EC - ST485EX
±15 kV ESD protected, low power
RS-485/RS-422 transceiver
Features
Low quiescent current: 300 µA
Designed for RS-485 interface application
-7 V to 12 V common mode input voltage range
Driver maintains high impedance in 3-state or
with the power OFF
70 mV typical input hysteresis
30 ns propagation delay, 5 ns skew
Operates from a single 5 V supply
Current limiting and thermal shutdown for
driver overload protection
ESD protection:
– ±15 kV (H.B.M.)
– ±8 kV (IEC-1000-4-2 contact discharge)
Allows up to 256 transceivers on the bus
Description
The ST485E is a low power transceiver for RS-
485 and RS-422 communication. Each driver
output and receiver input is protected against
±15 kV electrostatic discharge (H.B.M.) (ESD)
shocks, without latch-up. These parts contain one
driver and one receiver in half duplex
configuration.
This transceiver draws 300 µA (typ.) of supply
current when unloaded or fully loaded with
disabled drivers.
It operates from a single 5 V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that place the driver
outputs into a high-impedance state.
The ST485E is designed for bi-directional data
communications on multipoint bus transmission
lines (half-duplex applications).
SO-8
Table 1.
Device summary
Order codes
Temperature
range
Package
Packaging
ST485EBD
-40 to 85 °C
SO-8 (Tube)
100parts per tube / 20tube per box
ST485ECDR
0 to 70 °C
SO-8 (Tape and reel)
2500 parts per reel
ST485EBDR
-40 to 85 °C
SO-8 (Tape and reel)
2500 parts per reel
ST485EXDR
-55 to 125 °C
SO-8 (Tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST485EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485EBD STMICROELECTRONICS-ST485EBD Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBD STMICROELECTRONICS-ST485EBD Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBD STMICROELECTRONICS-ST485EBD Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
More results

Similar Description - ST485EB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
April 21, 2005
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
logo
Analog Devices
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com