Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH806G Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH806G
Description  Turbo 2 ultrafast - high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806G Datasheet(HTML) 2 Page - STMicroelectronics

  STTH806G Datasheet HTML 1Page - STMicroelectronics STTH806G Datasheet HTML 2Page - STMicroelectronics STTH806G Datasheet HTML 3Page - STMicroelectronics STTH806G Datasheet HTML 4Page - STMicroelectronics STTH806G Datasheet HTML 5Page - STMicroelectronics STTH806G Datasheet HTML 6Page - STMicroelectronics STTH806G Datasheet HTML 7Page - STMicroelectronics STTH806G Datasheet HTML 8Page - STMicroelectronics STTH806G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH806
2/9
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.07 x IF(AV) + 0.041 IF
2
(RMS)
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC, D2PAK
2.5
° C/W
TO-220AC Ins
4
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
8
µA
Tj = 150° C
20
200
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 8 A
1.85
V
Tj = 150° C
1.10
1.40
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 0.5 A, Irr = 0.25 A, IR = 1 A,
Tj = 25° C
35
ns
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
40
55
IRM
Reverse recovery current
IF = 8 A, dIF/dt = -100 A/µs,
VR = 400 V, Tj = 25° C
4.5
6.5
tfr
Forward recovery time
IF = 8 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
200
ns
VFP
Forward recovery voltage
IF = 8 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com