Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH806G Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH806G
Description  Turbo 2 ultrafast - high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806G Datasheet(HTML) 4 Page - STMicroelectronics

  STTH806G Datasheet HTML 1Page - STMicroelectronics STTH806G Datasheet HTML 2Page - STMicroelectronics STTH806G Datasheet HTML 3Page - STMicroelectronics STTH806G Datasheet HTML 4Page - STMicroelectronics STTH806G Datasheet HTML 5Page - STMicroelectronics STTH806G Datasheet HTML 6Page - STMicroelectronics STTH806G Datasheet HTML 7Page - STMicroelectronics STTH806G Datasheet HTML 8Page - STMicroelectronics STTH806G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH806
4/9
Figure 7.
Softness factor versus
dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
50
100
150
200
250
300
350
400
450
500
S factor
I
2 x I
T = 125° C
F
F(AV)
j
≤
V = 400 V
R
dI /dt(A/µs)
F
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus
dIF/dt (typical values)
0
2
4
6
8
10
12
14
0
100
200
300
400
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (printed circuit board
FR4, eCU = 35 µm)
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
(°C/W)
th(j-a)
S
(cm²)
(Cu)
D²PAK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com