Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7E1AR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM7E1AR
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM7E1AR Datasheet HTML 6Page - STMicroelectronics STM7E1AR Datasheet HTML 7Page - STMicroelectronics STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics STM7E1AR Datasheet HTML 10Page - STMicroelectronics STM7E1AR Datasheet HTML 11Page - STMicroelectronics STM7E1AR Datasheet HTML 12Page - STMicroelectronics STM7E1AR Datasheet HTML 13Page - STMicroelectronics STM7E1AR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Maximum ratings
STM7E1
10/16
Note:
1
All the parameters are valid only with a 75
Ω (5%) load to GND.
2
Measured with a 5 V DC voltage applied to a closed switch.
3
Not tested in production.
4
Measured with a 2 VPP signal.
5
Measured with the line connected to GND at one side with a 75
Ω resistor and all the other
lines driven by a 1 MHz, 2 VPP sine wave signal.
6
During the switching between the main and spare ports, the behavior of the component is
not guaranteed: both main switches can be open (break before make).
7
Measured with the line switching from a 2.5 V DC level (main or spare port) to a -2.5 V DC
level (spare or main port).
Table 10.
Analog part specifications
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
RON(main)
(1)
On-resistance of the main
switches
1.6
2
Ω
RON(aux)
(1)
On-resistance of the
auxiliary switches
50
75
Ω
ΔRON(main)(1)
Difference of RON between
devices
VIN = 2V, TA = 25°C
0.5
Ω
ΔRON(main)(1)
Difference of RON between
switches of the same
device
VIN = 2V, TA = 25°C
0.8
Ω
ROFF
(1,2)
Off-resistance of the main
and auxiliary switches
100
k
Ω
CON
(3)
Capacitance at any switch
pin, switch ON
120
pF
COFF
(3)
Capacitance at any switch
pin, switch OFF
40
pF
Apeak,signal
(1)
Peak amplitude of the
signal at switch pins
-3
3
Vp
fsignal
(1,4)
Frequency of the signal at
switch pins (3dB
bandwidth)
50
12000
kHz
Cross-talk(1,5) Cross-talk between lines
4
8
mVrms
t
Switch time of the main
switches (a and b)
0.15
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com