Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7E1AR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM7E1AR
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics STM7E1AR Datasheet HTML 10Page - STMicroelectronics STM7E1AR Datasheet HTML 11Page - STMicroelectronics STM7E1AR Datasheet HTML 12Page - STMicroelectronics STM7E1AR Datasheet HTML 13Page - STMicroelectronics STM7E1AR Datasheet HTML 14Page - STMicroelectronics STM7E1AR Datasheet HTML 15Page - STMicroelectronics STM7E1AR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STM7E1
Package mechanical data
13/16
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.6
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C0.09
0.20
0.004
0.008
D
11.80
12.00
12.20
0.465
0.472
0.480
D1
9.80
10.00
10.20
0.3860.394
0.402
D3
7.50
0.295
E
11.80
12.00
12.20
0.465
0.472
0.480
E1
9.80
10.00
10.20
0.3860.394
0.402
E3
7.50
0.295
e
0.50
0.020
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K0°
3.5°
7°
0°
3.5°
7°
TQFP64 mechanical data
0051434/E
A
A2
A1
Seating Plane
C
17
33
16
48
49
64
32
D3
D1
D
e
1
K
0.10mm
.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com