Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6002CPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH6002CPI
Description  High efficiency ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6002CPI Datasheet(HTML) 1 Page - STMicroelectronics

  STTH6002CPI Datasheet HTML 1Page - STMicroelectronics STTH6002CPI Datasheet HTML 2Page - STMicroelectronics STTH6002CPI Datasheet HTML 3Page - STMicroelectronics STTH6002CPI Datasheet HTML 4Page - STMicroelectronics STTH6002CPI Datasheet HTML 5Page - STMicroelectronics STTH6002CPI Datasheet HTML 6Page - STMicroelectronics STTH6002CPI Datasheet HTML 7Page - STMicroelectronics STTH6002CPI Datasheet HTML 8Page - STMicroelectronics STTH6002CPI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2006
Rev 2
1/9
STTH6002C
High efficiency ultrafast diode
Main product characteristics
Features and benefits
■ Suited for SMPS
■ Low losses
■ Low forward and reverse recovery times
■ High surge current capability
■ High junction temperature
Description
Dual center tab rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in TO-247 and TOP3I, this device is
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
Order codes
IF(AV)
2 x 30 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.75 V
trr (typ)
22 ns
Part Number
Marking
STTH6002CW
STTH6002C
STTH6002CPI
STTH6002C
A1
A1
NC
A1
K
K
K
A2
A2
A2
TO-247
STTH6002CW
TOP3I
STTH6002CPI
www.st.com


Similar Part No. - STTH6002CPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH6002CW STMICROELECTRONICS-STTH6002CW Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
More results

Similar Description - STTH6002CPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com